Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDLW09-48D24S Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCPDLW09-48D24S
Description  Up to 9 Watts DC DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW09-48D24S Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCPDLW09-48D24S Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW09-48D24S Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW09-48D24S Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW09-48D24S Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW09-48D24S Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW09-48D24S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
DCPDLW09 SERIES
Up to 9 Watts
DC DC Converter
Single and Dual Outputs
5/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
24Vin (Nominal)
9
24
36
VDC
48Vin (Nominal)
18
48
75
Input Surge Voltage
1 second, max.
24Vin (Nominal)
50
VDC
48Vin (Nominal)
100
Input Filter
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
-1.0
+1.0
%
Cross Regulation
Asymmetrical load 25%/100% FL, Dual
-5.0
+5.0
%
Ripple and Noise
20MHz bandwidth
With a 1µF/50V X7R MLCC
3.3Vout, 5Vout, 9Vout
50
mVp-p
12Vout, 15Vout, 24Vout
75
Output Power
9
W
Output Current
See Table
Maximum Capacitive Load
See Table
Transient Response Recovery Time
2% Load Step Change
250
µs
Start-Up Time
Constant Resistive Load
50
ms
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF CONTROL
Ctrl Pin Applied Current via 1k
Ω
DC-DC ON
Open or High Impedance
DC-DC OFF
2
3
4
mA
Remote Off Input Current
DCPDL09W-24xxx
3
mA
DCPDL09W-48xxx
2.5
Application Circuit
DC-DC ON
DC-DC OFF
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of lout rated; Hiccup Mode
180
%
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
3.3Vout Models
Standard Type
Without Derating
-40
+100
ºC
Derating
+45
+100
Suffix “M”
Without Derating
-40
+100
Derating
+50
+100
Other Models
Standard Type
Without Derating
-40
+100
Derating
+55
+100
Suffix “M”
Without Derating
-40
+100
Derating
+60
+100
Storage Temperature Range
-55
+125
ºC
Thermal Shock
MIL-STD-810F
Relative Humidity
5
95
%RH
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
Standard Type
2.696E+06 hrs
Suffix “M”
2.939E+06 hrs


Similar Part No. - DCPDLW09-48D24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D05 WALL-DCPDLW06-24D05 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D05 WALL-DCPDLW06-24D05 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D05H WALL-DCPDLW06-24D05H Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDLW09-48D24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com