Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMMD48S1.8-6000 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMMD48S1.8-6000
Description  20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMD48S1.8-6000 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMMD48S1.8-6000 Datasheet HTML 1Page - Wall Industries,Inc. CMMD48S1.8-6000 Datasheet HTML 2Page - Wall Industries,Inc. CMMD48S1.8-6000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMD Series
20 Watt Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
FEATURES
● Output Current up to 6A
● 2:1 Wide Input Voltage Range
● Six-Sided Continuous Shielding
● 20 Watts Maximum Output Power
● Options: Negative Logic Remote ON/OFF
● Call Factory for More Output Power Options
● Compliant to RoHS EU Directive 2002/95/EC
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMMD Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 12V nominal input .......................... 9-18VDC
24V nominal input ........................ 18-36VDC
48V nominal input ........................ 36-75VDC
Input Voltage Variation .................... dv/dt ................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ....... 12V input ...........................36VDC
24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up................................................................................10ms typ.
Remote ON/OFF ....................................................................10ms typ.
Remote ON/OFF (Note 6)
(Positive Logic)............... DC-DC ON................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
(Negative Logic) ............. DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin) ........ -0.5mA ~ +0.5mA
Remote Off Input Current (nominal Vin) ...........................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Voltage Adjustability............................................................................. 10%
Output Current ..............................................................................see table
Output Power ........................................................................ 20 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (no load to full load) ............................................... ±0.5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20 MHz BW) ...........................................................see table
(measured with a 0.1uF/50V MLCC)
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................250us
PROTECTION SPECIFICATIONS
Over Voltage Protection........... 1.5, 1.8, 2.5, 3.3V outputs..................3.9V
(zener diode clamp)
5V output ........................................6.2V
12V output .........................................15V
15V output .........................................18V
Over Load Protection (% of full load at nominal input).............. 150% max.
Short Circuit Protection. ...................................Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................500KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Voltage (Input to case) ............................................ 1600VDC min.
Isolation Voltage (Output to Case) ........................................ 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance .............................................................. 1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C ~ +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ............................................................. 100°C
Relative Humidity...................................................................5% to 95% RH
Thermal Impedance (Note 7)
Natural Convection ............................................................. 12°C / Watt
Natural Convection with Heat-Sink..................................... 10°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (Note 1).................................................................. 1.791 x 10
6 hours
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter.................................................. six-sided
Weight .............................................................................Approximately 6oz
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
EMI .............................EN55022 ...................................................... Class A
ESD ....................EN61000-4-2……..
…….Perf. Criteria B
Radiated Immunity......EN61000-4-3 ....................... 10V/m Perf. Criteria A
Fast Transient.............EN61000-4-4 ......................... ±2KV Perf. Criteria B
Surge ..........................EN61000-4-5 ......................... ±1KV Perf. Criteria B
Conducted Immunity...EN61000-4-6 .................... 10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment
Air ± 8KV
Contact ± 6KV


Similar Part No. - CMMD48S1.8-6000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMMD1BP22AWGG11R026 VISHAY-CMMD1BP22AWGG11R026 Datasheet
174Kb / 7P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
01-Jan-2022
CMMD1BP22AWGG11R026L VISHAY-CMMD1BP22AWGG11R026L Datasheet
174Kb / 7P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
01-Jan-2022
CMMD1BP22AWGG11R027 VISHAY-CMMD1BP22AWGG11R027 Datasheet
174Kb / 7P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
01-Jan-2022
CMMD1BP22AWGG11R027L VISHAY-CMMD1BP22AWGG11R027L Datasheet
174Kb / 7P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
01-Jan-2022
CMMD1BP22AWGG11RNSL VISHAY-CMMD1BP22AWGG11RNSL Datasheet
174Kb / 7P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
01-Jan-2022
More results

Similar Description - CMMD48S1.8-6000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMZF WALL-CMZF Datasheet
250Kb / 3P
   30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDD WALL-CMDD Datasheet
250Kb / 3P
   60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com