Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDL09-24S3P3S Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCPDL09-24S3P3S
Description  Up to 9 Watts DC DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL09-24S3P3S Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCPDL09-24S3P3S Datasheet HTML 1Page - Wall Industries,Inc. DCPDL09-24S3P3S Datasheet HTML 2Page - Wall Industries,Inc. DCPDL09-24S3P3S Datasheet HTML 3Page - Wall Industries,Inc. DCPDL09-24S3P3S Datasheet HTML 4Page - Wall Industries,Inc. DCPDL09-24S3P3S Datasheet HTML 5Page - Wall Industries,Inc. DCPDL09-24S3P3S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev A
DCPDL09 SERIES
Up to 9 Watts
DC DC Converter
Single and Dual Outputs
5/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 6
MODEL NUMBER SETUP
DCPDL
09
-
48
S
05
M
Series Name
Output Power
Input Voltage
Output Quantity
Ouptut Voltage
Case Option
09: 9 Watts
12: 9~18 VDC
S: Single
3P3: 3.3VDC
S: Standard Type
24: 18~36 VDC
05: 5VDC
Plastic Case
48: 36~75 VDC
09: 9VDC
12: 12VDC
M: Metal Case
15: 15VDC
24: 24VDC
D: Dual
05: ±5VDC
12: ±12VDC
15: ±15VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCPDL09-24S3P3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D12 WALL-DCPDL06-12D12 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDL09-24S3P3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com