Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-240-10-36JDY-TR Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-240-10-36JDY-TR
Description  The miniature ECX-2236 is a compact SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-240-10-36JDY-TR Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-240-10-36JDY-TR Datasheet HTML 1Page - ECS, Inc. ECS-240-10-36JDY-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
120
12.000
160
16.000
192
19.200
200
20.000
240
24.000
245.7
24.576
250
25.000
260
26.000
270
27.000
300
30.000
320
32.000
360
36.000
400
40.000
480
48.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
POCKET TAPE DIMENSIONS (mm)
ECX-2236
SMD CRYSTAL
Figure 1) Suggested Reflow Profile


Similar Part No. - ECS-240-10-36JDY-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-240-10-36B2-CTN-TR ECS-ECS-240-10-36B2-CTN-TR Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
More results

Similar Description - ECS-240-10-36JDY-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-8-36CKM ECS-ECS-160-8-36CKM Datasheet
507Kb / 2P
   The miniature ECX-2236 is a very compact SMD Crystal
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
   The miniature ECX-42 is a compact SMD Crystal
ECX-32 ECS-ECX-32_17 Datasheet
573Kb / 2P
   The sub miniature ECX-32 is a compact SMD Crystal
ECX-1247 ECS-ECX-1247_17 Datasheet
606Kb / 2P
   The sub miniature ECX-1247 is a very compact SMD Crystal
ECX-1637 ECS-ECX-1637_17 Datasheet
556Kb / 2P
   The sub miniature ECX-1637 is a very compact SMD Crystal
ECX-1247B ECS-ECX-1247B Datasheet
434Kb / 2P
   The sub miniature ECX-1247B is a very compact SMD Crystal
ECS-200-8 ECS-ECS-200-8 Datasheet
507Kb / 2P
   ECX-2236 SMD CRYSTAL
ECX-39 ECS-ECX-39_17 Datasheet
612Kb / 2P
   The miniature ECX-39 is a very compact SMD Tuning Fork Crystal
ECX-34G ECS-ECX-34G Datasheet
650Kb / 2P
   The sub miniature ECX-34G is a compact SMD tuning fork Crystal
ECX-306X ECS-ECX-306X_16 Datasheet
563Kb / 2P
   The ECX-306X is a compact SMD Tuning Fork Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com