Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPP10-12S05x Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMPP10-12S05x
Description  Up to 10 Watts Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP10-12S05x Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMPP10-12S05x Datasheet HTML 1Page - Wall Industries,Inc. DCMPP10-12S05x Datasheet HTML 2Page - Wall Industries,Inc. DCMPP10-12S05x Datasheet HTML 3Page - Wall Industries,Inc. DCMPP10-12S05x Datasheet HTML 4Page - Wall Industries,Inc. DCMPP10-12S05x Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev E
DCMPP10 SERIES
Up to 10 Watts
Medical DC/DC Power Converters
02/04/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS: DCMPP10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
270
300
330
kHz
Isolation Voltage (Input to Output)
1 minute
5000
VAC
Isolation Capacitance
12
17
pF
Leakage Current
240VAC, 60Hz
2
µA
Clearance/Creepage
8
mm
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Without derating
-40
+77
°C
With derating
+77
+105
Storage Temperature Range
-55
+125
°C
Thermal Impedance
Natural convection (20LFM)
18
°C/W
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, full load
3,849,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.48oz (14g)
Dimensions (L x W x H)
1.25x0.80x0.40 inches
(31.8x20.3x10.2mm)
Case Material
Non-conductive black plastic
Base Material
Non-conductive black plastic
Potting Material
Silicon (UL94-V0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals (pending)
ANSI/AAMI ES60601-1, IEC60601-1, EN60601-1, UL60950-1, EN60950-1, IEC60950-1
EMI (See Note 2)
EN55011, EN55022, and FCC Part 18
Class A, Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 3)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 3)
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
NOTES
1. The “x” in the model number represents the Pin Connection type. It can be “A” for pin connection type A or “B” for pin connection type B. See
mechanical drawings on page 4 for more information.
2. The DCMPP10 series meets EMI Class A without an external filter added. This series can only meet EMI Class B with external components
added. Please contact factory for more information.
3. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
• For 5VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 1000µF/25V)
and a reverse diode (Vishay V10P45) in parallel.
• For 12VDC & 24VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series,
470µF/50V) in parallel.
• For 48VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 330µF/100V)
in parallel.
4. Remote On/Off control is optional and is only available for “B” type pin connection models. To order the converter with remote on/off add the
suffix “-P” to the model number (Ex: DCMPP10-48S12B-P).
5. Trim function is optional and is only available for “B” type pin connection models. To order the converter with Trim pin add the suffix “-T” to the
model number (Ex: DCMPP10-48S12B-T).
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCMPP10-12S05x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP10-12S05x WALL-DCMPP10-12S05x Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results

Similar Description - DCMPP10-12S05x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMOPW10 WALL-DCMOPW10_18 Datasheet
301Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMOPW10 WALL-DCMOPW10 Datasheet
152Kb / 5P
   10 Watts, Medical DC/DC Power Converters
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com