Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP115CSN280T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP115CSN280T1G
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP115CSN280T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP115CSN280T1G Datasheet HTML 2Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 3Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 4Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 5Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 6Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 7Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 8Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 9Page - ON Semiconductor NCP115CSN280T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP115
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 15. Short Circuit Current vs.
Temperature
Figure 16. Enable Thresholds Voltage
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
80
60
40
20
0
−20
−40
500
520
560
580
600
640
660
700
0
0.1
0.3
0.4
0.5
0.7
0.8
1.0
Figure 17. Current to Enable Pin vs.
Temperature
Figure 18. Disable Current vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
0
25
75
100
150
175
200
250
0
3
9
12
15
21
27
30
Figure 19. Discharge Resistance vs.
Temperature
Figure 20. Maximum COUT ESR Value vs. Load
Current
TJ, JUNCTION TEMPERATURE (°C)
IOUT, OUTPUT CURRENT (mA)
0
10
30
40
60
70
80
100
300
250
200
150
100
50
0
0.1
1
10
100
VIN = 4.3 V
VOUT = 0 V (short)
CIN = 1 mF
COUT = 1 mF
540
620
680
−10
−30
10
90
70
50
30
0.2
0.6
0.9
80
60
40
20
0
−20
−40
−10
−30
10
90
70
50
30
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
80
60
40
20
0
−20
−40
−10
−30
10
90
70
50
30
80
60
40
20
0
−20
−40
−10
−30
10
90
70
50
30
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
50
125
225
VIN = 4.3 V
VOUT = 0 V
CIN = 1 mF
COUT = 1 mF
VEN = 1 V
6
18
24
Unstable Operation
Stable Operation
20
50
90
80
60
40
20
0
−20
−40
−10
−30
10
90
70
50
30
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
OFF
→ ON
ON
→ OFF


Similar Part No. - NCP115CSN280T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT060T2G ONSEMI-NCP110AFCT060T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT080T2G ONSEMI-NCP110AFCT080T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT085T2G ONSEMI-NCP110AFCT085T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT105T2G ONSEMI-NCP110AFCT105T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
More results

Similar Description - NCP115CSN280T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com