Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103BMX130TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP103BMX130TCG
Description  CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103BMX130TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP103BMX130TCG Datasheet HTML 1Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 2Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 3Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 4Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 5Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 6Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 7Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 8Page - ON Semiconductor NCP103BMX130TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2016
December, 2017 − Rev. 13
1
Publication Order Number:
NCP103/D
NCP103
150 mA CMOS Low Dropout
Regulator
The NCP103 is 150 mA LDO that provides the engineer with a very
stable, accurate voltage with low noise suitable for space constrained,
noise sensitive applications. In order to optimize performance for
battery operated portable applications, the NCP103 employs the
dynamic quiescent current adjustment for very low IQ consumption at
no−load.
Features
Operating Input Voltage Range: 1.7 V to 5.5 V
Available in Fixed Voltage Options: 0.9 V to 3.5 V
Contact Factory for Other Voltage Options
Very Low Quiescent Current of Typ. 50 mA
Standby Current Consumption: Typ. 0.1 mA
Low Dropout: 75 mV Typical at 150 mA
±1% Accuracy at Room Temperature
High Power Supply Ripple Rejection: 75 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in uDFN 1.0 x 1.0 mm Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applicaitons
PDAs, Mobile phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
NCP103
IN
EN
OUT
GND
OFF
ON
VOUT
COUT
1
mF
Ceramic
CIN
VIN
UDFN4
MX SUFFIX
CASE 517CU
MARKING
DIAGRAM
www.onsemi.com
See detailed ordering, marking and shipping information on
page 14 of this data sheet.
ORDERING INFORMATION
PIN CONNECTION
XX = Specific Device Code
M
= Date Code
34
1
2
GND
OUT
EN
IN
(Bottom View)
1
XX M
1


Similar Part No. - NCP103BMX130TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103BMX130TCG ONSEMI-NCP103BMX130TCG Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103BMX130TCG ONSEMI-NCP103BMX130TCG Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
More results

Similar Description - NCP103BMX130TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com