Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8114BSN330T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8114BSN330T1G
Description  CMOS Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8114BSN330T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8114BSN330T1G Datasheet HTML 2Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 3Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 4Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 5Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 6Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 7Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 8Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 9Page - ON Semiconductor NCV8114BSN330T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCV8114
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 15. Disable Current vs. Temperature
Figure 16. Discharge Resistance vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
−150
−120
−60
0
30
60
90
150
120
100
80
60
20
0
−20
−40
0
15
30
60
90
105
120
150
Figure 17. Power Supply Rejection Ratio −
COUT = 1 mF
Figure 18. Output Capacitor ESR vs. Output
Current
FREQUENCY (Hz)
IOUT, OUTPUT CURRENT (mA)
1M
100K
10M
10K
1K
100
10
0
10
20
40
50
60
80
90
270
210
180
150
120
60
30
0
0.01
0.1
1
10
100
Figure 19. Output Voltage Noise Spectral Density − COUT = 1 mF
FREQUENCY (Hz)
1M
100K
10K
1K
100
10
1
10
100
1K
10K
60
140
−90
−30
120
VIN = 5.5 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
40
140
45
75
135
VIN = 4.3 V
VEN = 0 V
CIN = 1 mF
COUT = 1 mF
90
240
300
VIN = 5.5 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R, 1206
30
70
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
IOUT = 300 mA
VIN = 4.3 V
VOUT = 3.3 V
CIN = none
COUT = 1 mF
MLCC, X7R, 1206
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
IOUT = 300 mA
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
IOUT
1 mA
10 mA
150 mA
300 mA
10 Hz − 100 kHz
100 Hz − 100 kHz
90.25
84.55
86.57
95.36
83.61
77.23
80.86
90.17
RMS Output Noise (
mV)
Unstable Operation
Stable Operation


Similar Part No. - NCV8114BSN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114BSN330T1G ONSEMI-NCV8114BSN330T1G Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
More results

Similar Description - NCV8114BSN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
NCP103 ONSEMI-NCP103_17 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com