Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8163ASN180T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8163ASN180T1G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8163ASN180T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8163ASN180T1G Datasheet HTML 3Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 4Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 5Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 6Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 7Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 8Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 9Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 10Page - ON Semiconductor NCV8163ASN180T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV8163
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 21. Short Circuit Current vs.
Temperature
Figure 22. Enable Thresholds Voltage
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
60
20
0
−20
−40
120
100
60
40
20
0
−20
−40
0
0.1
0.3
0.4
0.5
0.8
1.0
VIN = 4.3 V
VOUT = 0 V (SHORT)
CIN = 1 mF
COUT = 1 mF
40
80
140
OFF −> ON
80
140
0.2
0.7
0.9
0.6
500
520
560
580
600
660
700
540
640
680
620
Figure 23. Current to Enable Pin vs.
Temperature
Figure 24. Disable Current vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
60
20
0
−20
−40
120
100
60
40
0
−20
−40
0
10
30
40
50
80
100
40
80
140
20
80
140
20
70
90
60
0
0.05
0.15
0.20
0.25
0.40
0.50
0.10
0.35
0.45
0.30
Figure 25. Discharge Resistance vs.
Temperature
Figure 26. Maximum COUT ESR Value vs. Load
Current
TJ, JUNCTION TEMPERATURE (°C)
IOUT, OUTPUT CURRENT (mA)
120
100
60
20
0
−20
−40
250
200
150
100
50
0
0.1
1
100
40
80
140
Unstable Operation
Stable Operation
300
10
200
210
230
240
250
280
300
220
270
290
260
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
ON −> OFF
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF


Similar Part No. - NCV8163ASN180T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX250TBG ONSEMI-NCV8160AMX250TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX280TBG ONSEMI-NCV8160AMX280TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX290TBG ONSEMI-NCV8160AMX290TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX300TBG ONSEMI-NCV8160AMX300TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
More results

Similar Description - NCV8163ASN180T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com