Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8163ASN120T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8163ASN120T1G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8163ASN120T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8163ASN120T1G Datasheet HTML 6Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 7Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 8Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 9Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 10Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 11Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 12Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 13Page - ON Semiconductor NCV8163ASN120T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCV8163
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 36. Line Transient Response −
IOUT = 10 mA
Figure 37. Line Transient Response −
IOUT = 10 mA
2 ms/div
2 ms/div
Figure 38. Line Transient Response −
IOUT = 250 mA
Figure 39. Line Transient Response −
IOUT = 250 mA
2 ms/div
2 ms/div
Figure 40. Load Transient Response −
1 mA to 250 mA
Figure 41. Load Transient Response −
250 mA to 1 mA
5 ms/div
10 ms/div
VIN
3.3 V
VOUT
2.3 V
3.3 V
2.3 V
VIN
VOUT
VIN = 3.8 V, VOUT = 3.3 V
CIN = 1 mF (MLCC)
IOUT
VOUT
tRISE = 1 ms
IOUT
VOUT
VIN
VOUT
tRISE = 1 ms
VIN
VOUT
tFALL = 1 ms
tFALL = 1 ms
tRISE = 1 ms
VOUT = 1.8 V, IOUT = 10 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VOUT = 1.8 V, IOUT = 10 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
tFALL = 1 ms
VOUT = 1.8 V, IOUT = 250 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
3.3 V
2.3 V
VOUT = 1.8 V, IOUT = 250 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
3.3 V
2.3 V
COUT = 1 mF
COUT = 4.7 mF
VIN = 3.8 V, VOUT = 3.3 V
CIN = 1 mF (MLCC)
COUT = 1 mF
COUT = 4.7 mF


Similar Part No. - NCV8163ASN120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX250TBG ONSEMI-NCV8160AMX250TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX280TBG ONSEMI-NCV8160AMX280TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX290TBG ONSEMI-NCV8160AMX290TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX300TBG ONSEMI-NCV8160AMX300TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
More results

Similar Description - NCV8163ASN120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com