Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8163AMX400TBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8163AMX400TBG
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8163AMX400TBG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8163AMX400TBG Datasheet HTML 1Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 2Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 3Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 4Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 5Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 6Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 7Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 8Page - ON Semiconductor NCV8163AMX400TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV8163
www.onsemi.com
2
Figure 2. Simplified Schematic Block Diagram
IN
THERMAL
SHUTDOWN
MOSFET
DRIVER WITH
CURRENT LIMIT
INTEGRATED
SOFT−START
BANDGAP
REFERENCE
ENABLE
LOGIC
EN
OUT
GND
EN
* ACTIVE DISCHARGE
Version A only
PIN FUNCTION DESCRIPTION
Pin No.
TSOP−5
Pin No.
XDFN4
Pin
Name
Description
1
4
IN
Input voltage supply pin
5
1
OUT
Regulated output voltage. The output should be bypassed with small 1 mF ceramic capacitor.
3
3
EN
Chip enable: Applying VEN < 0.4 V disables the regulator, Pulling VEN > 1.2 V enables the LDO.
2
2
GND
Common ground connection
4
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
EP
EPAD
Exposed Pad. Exposed pad can be tied to ground plane for better power dissipation.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6
V
Output Voltage
VOUT
−0.3 to VIN + 0.3, max. 6 V
V
Chip Enable Input
VCE
−0.3 to 6 V
V
Output Short Circuit Duration
tSC
unlimited
s
Operating Ambient Temperature Range
TA
−40 to +125
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
−55 to +150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 2)
ESDCDM
1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
ESD Charged Device Model tested per EIA/JESD22−C101, Field Induced Charge Model
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Max
Unit
Input Voltage
VIN
2.2
5.5
V
Junction Temperature
TJ
−40
+125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCV8163AMX400TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX250TBG ONSEMI-NCV8160AMX250TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX280TBG ONSEMI-NCV8160AMX280TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX290TBG ONSEMI-NCV8160AMX290TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8160AMX300TBG ONSEMI-NCV8160AMX300TBG Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
More results

Similar Description - NCV8163AMX400TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com