Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP170BMX250TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP170BMX250TCG
Description  Ultra?륧ow IQ 150 mA CMOS LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP170BMX250TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP170BMX250TCG Datasheet HTML 1Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 2Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 3Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 4Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 5Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 6Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 7Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 8Page - ON Semiconductor NCP170BMX250TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCP170
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 1.2 V
(−40
°C ≤ TJ ≤ 85°C; VIN = 2.5 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating Input Voltage
2.2
5.5
V
VOUT
Output Voltage
TA = +25°C
1.188
1.2
1.212
V
−40
°C ≤ TJ ≤ 85°C
1.176
1.2
1.224
LineReg
Line Regulation
2.5 V < VIN ≤ 5.5 V, IOUT = 1 mA
0.05
0.20
%/V
LoadReg
Load Regulation
0 mA < IOUT ≤ 150 mA, VIN = 2.5 V
−20
1
20
mV
VDO
Dropout Voltage
(Note 4)
mV
IOUT
Output Current
(Note 5)
150
mA
ISC
Short Circuit Current Limit
VOUT = 0 V
225
mA
IQ
Quiescent Current
IOUT = 0 mA
0.5
0.9
mA
ISTB
Standby Current
VEN = 0 V, TJ = 25°C
0.1
0.5
mA
VENH
EN Pin Threshold Voltage
EN Input Voltage “H”
1.2
V
VENL
EN Pin Threshold Voltage
EN Input Voltage “L”
0.4
V
IEN
EN Pin Current
VEN ≤ VIN ≤ 5.5 V (Note 6)
10
nA
PSRR
Power Supply Rejection Ratio
f = 1 kHz, VIN = 2.2 V + 200 mVpp Modulation
IOUT = 150 mA
IOUT = 10 mA
57
63
dB
VNOISE
Output Noise Voltage
VIN = 5.5 V, IOUT = 1 mA,
f = 100 Hz to 1 MHz, COUT = 1 mF
85
mVrms
RLOW
Active Output Discharge
Resistance (A option only)
VIN = 5.5 V, VEN = 0 V (Note 6)
100
W
TSD
Thermal Shutdown Temperature
Temperature Increasing from TJ = +25°C
(Note 6)
175
°C
TSDH
Thermal Shutdown Hysteresis
Temperature Falling from TSD (Note 6)
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at
TJ =TA =25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
4. Not Characterized at VIN = 2.2 V, VOUT = 1.2 V, IOUT = 150 mA.
5. Respect SOA.
6. Guaranteed by design and characterization.


Similar Part No. - NCP170BMX250TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170BMX250TCG ONSEMI-NCP170BMX250TCG Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
More results

Similar Description - NCP170BMX250TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com