Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8705MTADJTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8705MTADJTCG
Description  LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8705MTADJTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8705MTADJTCG Datasheet HTML 1Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 2Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 3Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 4Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 5Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 6Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 7Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 8Page - ON Semiconductor NCV8705MTADJTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCV8705
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Pin No. −
Fixed
DFN8/DFNW8
Pin No. −
Adjustable
DFN8/DFNW8
Pin No. −
Fixed
WDFN6
Pin No. −
Adjustable
WDFN6
Description
OUT
1
1
1
1
Regulated output voltage pin. A small 1
mF ceramic capac-
itor is needed from this pin to ground to assure stability.
GND
4
4
3
3
Power supply ground. Expose pad must be tied with
GND pin. Soldered to the copper plane allows for effective
heat dissipation.
EN
5
5
4
4
Enable pin. Driving EN over 0.9 V turns on the regulator.
Driving EN below 0.4 V puts the regulator into shutdown
mode.
IN
8
8
6
6
Input pin. A small capacitor is needed from this pin to
ground to assure stability.
ADJ
3
2
Feedback pin for set−up output voltage. Use resistor di-
vider for voltage selection.
N/C
2, 3, 6, 7
2, 6, 7
2, 5
5
Not connected. This pin can be tied to ground to improve
thermal dissipation.
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Adjustable Input
VADJ
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
125
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
Table 3. THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, WDFN6 2x2 mm
Thermal Resistance, Junction−to−Air
Thermal Resistance Parameter, Junction−to−Board
qJA
YJB
116.5
30
°C/W
Thermal Characteristics, DFN8 3x3 mm / DFNW8 3x3 mm
Thermal Resistance, Junction−to−Air
Thermal Resistance Parameter, Junction−to−Board
qJA
YJB
92.6
35.1
°C/W
3. Single component mounted on 1 oz, FR 4 PCB with 645 mm2 Cu area.


Similar Part No. - NCV8705MTADJTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8705MTADJTCG ONSEMI-NCV8705MTADJTCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
More results

Similar Description - NCV8705MTADJTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com