Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8705MT28TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8705MT28TCG
Description  LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8705MT28TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8705MT28TCG Datasheet HTML 4Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 5Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 6Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 7Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 8Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 9Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 10Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 11Page - ON Semiconductor NCV8705MT28TCG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NCV8705
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 15. Dropout Voltage vs. Output Current
at Temperatures (3.3 V)
Figure 16. Dropout Voltage vs. Temperature
(2.5 V)
IOUT, OUTPUT CURRENT (mA)
TJ, JUNCTION TEMPERATURE (°C)
400
Figure 17. Dropout Voltage vs. Temperature,
(3.3 V)
Figure 18. Input Voltage vs. Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
5
4
2
1
0
4
TJ = 25°C
TJ = −40°C
TJ = 125°C
36
VIN = VOUT + 0.5 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
500
350
300
250
150
100
50
0
200
400
450
320
280
240
200
160
120
80
40
0
350
300
250
200
150
100
50
0
140
120
100
80
60
−20
0
−40
40
20
IOUT = 500 mA
IOUT = 300 mA
IOUT = 0 mA
VIN = VOUT + 0.5 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
140
120
100
80
60
−20
0
−40
40
20
400
350
300
250
200
150
100
50
0
VIN = VOUT + 0.5 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
IOUT = 500 mA
IOUT = 300 mA
IOUT = 0 mA
3.5
3
2.5
2
1.5
1
0.5
0
IIN = 0 mA
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
VOUT = 0.8 V
VOUT = 2.5 V
VOUT = 3.3 V
Figure 19. Output Voltage vs. Temperature,
(0.8 V)
Figure 20. Output Voltage vs. Temperature,
(2.5 V)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
0.8014
60
140
120
100
80
40
20
0
−20
−40
60
140
1.804
VIN = 2.5 V
VOUT = 0.8 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
0.8012
0.8010
0.8008
0.8006
0.8004
0.8002
0.8000
0.7998
0.7996
0.7994
0.7992
0.7990
1.803
1.802
1.801
1.800
1.799
1.798
1.797
1.796
1.795
1.794
1.793
1.792
VIN = 3 V
VOUT = 2.5 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size


Similar Part No. - NCV8705MT28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8705MT28TCG ONSEMI-NCV8705MT28TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
More results

Similar Description - NCV8705MT28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com