Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8114ASN280T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8114ASN280T1G
Description  CMOS Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8114ASN280T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8114ASN280T1G Datasheet HTML 1Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 2Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 3Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 4Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 5Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 6Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 7Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 8Page - ON Semiconductor NCV8114ASN280T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2017 − Rev. 2
1
Publication Order Number:
NCV8114/D
NCV8114
300 mA CMOS Low Dropout
Regulator
The NCV8114 is 300 mA LDO that provides the engineer with a
very stable, accurate voltage with low noise suitable for space
constrained, noise sensitive applications. In order to optimize
performance for battery operated portable applications, the NCV8114
employs the dynamic quiescent current adjustment for very low IQ
consumption at no−load.
Features
Operating Input Voltage Range: 1.7 V to 5.5 V
Available in Fixed Voltage Options: 0.9 V to 3.6 V
Contact Factory for Other Voltage Options
Very Low Quiescent Current of Typ. 50 mA
Standby Current Consumption: Typ. 0.1 mA
Low Dropout: 135 mV Typical at 300 mA
±1% Accuracy at Room Temperature
High Power Supply Ripple Rejection: 75 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in TSOP Package
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applicaitons
Parking Camera Modules
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Automotive Infotainment Systems
Other Battery Powered Applications
Figure 1. Typical Application Schematic
NCV8114
IN
EN
OUT
GND
OFF
ON
VOUT
COUT
1
mF
Ceramic
CIN
VIN
MARKING
DIAGRAM
See detailed ordering, marking and shipping information on
page 11 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
www.onsemi.com
(Note: Microdot may be in either location)
TSOP−5
SN SUFFIX
CASE 483
OUT
IN
GND
N/C
EN
1
2
3
4
5
(Top View)
1
5
XXX = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
XXXAYW
G
G


Similar Part No. - NCV8114ASN280T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114ASN280T1G ONSEMI-NCV8114ASN280T1G Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
More results

Similar Description - NCV8114ASN280T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
NCP103 ONSEMI-NCP103_17 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com