Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103AMX310TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP103AMX310TCG
Description  CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103AMX310TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP103AMX310TCG Datasheet HTML 1Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 2Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 3Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 4Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 5Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 6Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 7Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 8Page - ON Semiconductor NCP103AMX310TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCP103
www.onsemi.com
5
TYPICAL CHARACTERISTICS
0.1
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VIN = 3.8 V to 5.5 V
VOUT = 2.8 V
IOUT = 1 mA
CIN = 1 mF
COUT = 1 mF
Figure 9. Line Regulation vs. Temperature
VOUT = 2.8 V
10
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
Figure 10. Load Regulation vs. Temperature
VOUT = 1.2 V
10
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Load Regulation vs. Temperature
VOUT = 2.8 V
100
IOUT, OUTPUT CURRENT (mA)
0
Figure 12. Dropout Voltage vs. Output Current
VOUT = 2.8 V
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
100
TJ, JUNCTION TEMPERATURE (°C)
−40
Figure 13. Dropout Voltage vs. Temperature
−30 −20 −10 0
10
90
80
70
60
50
40
30
20
IOUT = 0 mA
IOUT = 150 mA
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
800
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. Current Limit vs. Temperature
−40 −30 −20 −10 0
10
90
80
70
60
50
40
30
20
VIN = VOUT(nom) + 1 V or 2.5 V
VOUT = 90% VOUT(nom)
CIN = 1 mF
COUT = 1 mF
9
8
7
6
5
4
3
2
1
0
VIN = 2.5 V
VOUT = 1.2 V
IOUT = 1 mA to 150 mA
CIN = 1 mF
COUT = 1 mF
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.1
VIN = 3.8 V
VOUT = 2.8 V
IOUT = 1 mA to 150 mA
CIN = 1 mF
COUT = 1 mF
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
9
8
7
6
5
4
3
2
1
0
90
80
70
60
50
40
30
20
10
0
TJ = 85°C
TJ = −40°C
TJ = 25°C
90
80
70
60
50
40
30
20
10
0
IOUT = 100 mA
750
700
650
600
550
500
450
400
350
300
VOUT = 2.8 V
VOUT = 1.2 V
150
15
30
45
60
75
90
135
120
105


Similar Part No. - NCP103AMX310TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103AMX310TCG ONSEMI-NCP103AMX310TCG Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103AMX310TCG ONSEMI-NCP103AMX310TCG Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
More results

Similar Description - NCP103AMX310TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com