Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5272 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5272
Description  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5272 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS5272 Datasheet HTML 1Page - Burr-Brown (TI) ADS5272 Datasheet HTML 2Page - Burr-Brown (TI) ADS5272 Datasheet HTML 3Page - Burr-Brown (TI) ADS5272 Datasheet HTML 4Page - Burr-Brown (TI) ADS5272 Datasheet HTML 5Page - Burr-Brown (TI) ADS5272 Datasheet HTML 6Page - Burr-Brown (TI) ADS5272 Datasheet HTML 7Page - Burr-Brown (TI) ADS5272 Datasheet HTML 8Page - Burr-Brown (TI) ADS5272 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADS5272
SBAS324 − JUNE 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage Range, AVDD
−0.3V to 3.8V
. . . . . . . . . . . . . . . . . .
Supply Voltage Range, LVDD
−0.3V to 3.8V
. . . . . . . . . . . . . . . . . .
Voltage Between AVSS and LVSS
−0.3V to 0.3V
. . . . . . . . . . . . . .
Voltage Between AVDD and LVDD
−0.3V to 0.3V
. . . . . . . . . . . . . .
Voltages Applied to External REF Pins
−0.3V to 2.4V
. . . . . . . . . .
All LVDS Data and Clock Outputs
−0.3V to 2.4V
. . . . . . . . . . . . . .
Analog Input Pins
−0.3V to 2.7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Total Input Current (all inputs)
−30mA
. . . . . . . . . . . . . . . . . . .
Operating Free-Air Temperature Range, TA
−40
°C to 85°C
. . . . . .
Lead Temperature 1.6mm (1/16
″ from case for 10s)
220
°C
. . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS5272
HTQFP-80(2)
PFP
−40
°C to +85°C
ADS5272IPFP
ADS5272IPFP
Tray, 96
ADS5272IPFPT
Tape and Reel, 250
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) Thermal pad size: 4.69mm x 4.69mm (min), 6.20mm x 6.20mm (max).
RELATED PRODUCTS
MODEL
RESOLUTION (BITS)
SAMPLE RATE (MSPS)
CHANNELS
ADS5270
12
40
8
ADS5271
12
50
8
ADS5273
12
70
8
ADS5275
10
40
8
ADS5276
10
50
8
ADS5277
10
65
8
RECOMMENDED OPERATING CONDITIONS
ADS5272
MIN
TYP
MAX
UNIT
SUPPLIES AND REFERENCES
Analog Supply Voltage, AVDD
3.0
3.3
3.6
V
Output Driver Supply Voltage, LVDD
3.0
3.3
3.6
V
CLOCK INPUT AND OUTPUTS
ADCLK Input Sample Rate (low-voltage TTL)
20
65
MSPS
Low Level Voltage Clock Input
0.6
V
High Level Voltage Clock Input
VDD − 0.6
V
ADCLKP and ADCLKN Outputs (LVDS)
20
65
MHz
LCLKP and LCLKN Outputs (LVDS)(1)
120
390
MHz
Operating Free-Air Temperature, TA
−40
+85
°C
Thermal Characteristics
qJA
21
°C/W
qJC
68
°C/W
(1) 6 × ADCLK.
REFERENCE SELECTION
MODE
INT/EXT
DESCRIPTION
2.0VPP Internal Reference
1
Default with internal pull-up.
External Reference
0
Internal reference is powered down. Common mode of external reference should be within
50mV of VCM. VCM is derived from the internal bandgap voltage.


Similar Part No. - ADS5272

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5272 TI-ADS5272 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5272 TI1-ADS5272 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
ADS5272IPFP TI1-ADS5272IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
ADS5272IPFPG4 TI1-ADS5272IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
More results

Similar Description - ADS5272

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com