Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8705 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8705
Description  LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8705 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8705 Datasheet HTML 7Page - ON Semiconductor NCV8705 Datasheet HTML 8Page - ON Semiconductor NCV8705 Datasheet HTML 9Page - ON Semiconductor NCV8705 Datasheet HTML 10Page - ON Semiconductor NCV8705 Datasheet HTML 11Page - ON Semiconductor NCV8705 Datasheet HTML 12Page - ON Semiconductor NCV8705 Datasheet HTML 13Page - ON Semiconductor NCV8705 Datasheet HTML 14Page - ON Semiconductor NCV8705 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NCV8705
www.onsemi.com
11
TYPICAL CHARACTERISTICS
IOUT = 10 mA
IOUT = 100 mA
IOUT = 300 mA
IOUT = 500 mA
Figure 33. Discharge Resistance vs.
Temperature
Figure 34. Start−up Time vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
400
Figure 35. Power Supply Rejection Ratio,
VOUT = 1.8 V
Figure 36. Power Supply Rejection Ratio,
VOUT = 2.8 V
FREQUENCY (kHz)
FREQUENCY (kHz)
60
140
120
100
80
40
20
0
−20
−40
250
60
140
0.01
80
10k
90
VIN = 3.8 V
VOUT = 3.3 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
390
380
370
360
350
340
330
320
310
300
VIN = 3.8 V
VOUT = 3.3 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
240
230
220
210
200
190
180
170
160
150
0.1
1
10
100
1k
70
60
50
40
30
20
10
0
VIN = 2.8 V + 100 mVPP
VOUT = 1.8 V
COUT = 1 mF
CIN = none
MLCC, X7R,
1206 size
0.01
10k
0.1
1
10
100
1k
80
70
60
50
40
30
20
10
0
VIN = 3.8 V + 100 mVPP
VOUT = 2.8 V
COUT = 1 mF
CIN = none
MLCC, X7R,
1206 size
IOUT = 10 mA
IOUT = 100 mA
IOUT = 300 mA
IOUT = 500 mA
IOUT = 10 mA
IOUT = 100 mA
IOUT = 300 mA
IOUT = 500 mA
Figure 37. Power Supply Rejection Ratio,
VOUT = 3.3 V
Figure 38. Power Supply Rejection Ratio,
VOUT = 3.3 V, IOUT = 10 mA − Different COUT
FREQUENCY (kHz)
FREQUENCY (kHz)
0.01
100
10k
90
0.1
1
10
100
1k
VIN = 4.3 V + 100 mVPP
VOUT = 3.3 V
COUT = 1 mF
CIN = none
MLCC, X7R,
1206 size
0.01
10k
0.1
1
10
100
1k
80
70
60
50
40
30
20
10
0
VIN = 4.3 V + 100 mVPP
VOUT = 3.3 V
CIN = none
MLCC, X7R,
1206 size
COUT = 1 mF
COUT = 4.7 mF
COUT = 10 mF
90
80
70
60
50
40
30
20
10
0


Similar Part No. - NCV8705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705 Datasheet
1Mb / 20P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
November, 2014 ??Rev. 4
NCV8705MT12TCG ONSEMI-NCV8705MT12TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCV8705MT18TCG ONSEMI-NCV8705MT18TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCV8705MT28TCG ONSEMI-NCV8705MT28TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCV8705MT30TCG ONSEMI-NCV8705MT30TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
More results

Similar Description - NCV8705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com