Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8705 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8705
Description  LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8705 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8705 Datasheet HTML 1Page - ON Semiconductor NCV8705 Datasheet HTML 2Page - ON Semiconductor NCV8705 Datasheet HTML 3Page - ON Semiconductor NCV8705 Datasheet HTML 4Page - ON Semiconductor NCV8705 Datasheet HTML 5Page - ON Semiconductor NCV8705 Datasheet HTML 6Page - ON Semiconductor NCV8705 Datasheet HTML 7Page - ON Semiconductor NCV8705 Datasheet HTML 8Page - ON Semiconductor NCV8705 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2017
February, 2017 − Rev. 8
1
Publication Order Number:
NCV8705/D
NCV8705
500 mA, Ultra-Low
Quiescent Current, IQ 13 mA,
Ultra-Low Noise, LDO
Voltage Regulator
The NCV8705 is a low noise, low power consumption and low
dropout Linear Voltage Regulator. With its excellent noise and PSRR
specifications, the device is ideal for use in products utilizing RF
receivers, imaging sensors, audio processors or any component
requiring an extremely clean power supply. The NCV8705 uses an
innovative Adaptive Ground Current circuit to ensure ultra low
ground current during light load conditions.
Features
Operating Input Voltage Range: 2.5 V to 5.5 V
Available − Fixed Voltage Option: 0.8 V to 3.5 V
Available − Adjustable Voltage Option: 0.8 V to 5.5 V−VDROP
Reference Voltage 0.8 V
Ultra−Low Quiescent Current of Typ. 13 mA
Ultra−Low Noise: 12 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 230 mV Typical at 500 mA
±2% Accuracy Over Load/Line/Temperature
High PSRR: 71 dB at 1 kHz
Internal Soft−Start to Limit the Turn−On Inrush Current
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Active Output Discharge for Fast Turn−Off
Wettable Flank Package Option Available
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applicaitons
ADAS, Infotainment & Cluster, and Telematics
General Purpose Automotive & Industrial
Building & Factory Automation, Smart Meters
Figure 1. Typical Application Schematic
1
mF
NCV8705
IN
EN
GND
OUT
1
mF
OFF
ON
N/C
Fixed Voltage Version
CIN
VIN
COUT
VOUT
NCV8705
IN
EN
GND
OUT
OFF
ON
ADJ
VIN
VOUT
COUT
1
mF
C1
R1
R2
CIN
1
mF
Adjustable Voltage Version
See detailed ordering, marking and shipping information in the
package dimensions section on page 20 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
WDFN6, 2x2
CASE 511BR
PIN CONNECTIONS
WDFN6 2x2 mm
(Top View)
1
2
3
EXP
XX M
1
XX = Specific Device Code
M
= Date Code
6
5
4
www.onsemi.com
DFN8/DFNW8 3x3 mm
(Top View)
1
2
4
EXP
8
7
5
36
OUT
N/C
GND
N/C or ADJ
IN
N/C
EN
N/C
8705W
XXX
ALYW
G
G
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
DFN8, 3x3
CASE 506DB
8705L
XXX
ALYW
G
G
1
DFNW8, 3x3
CASE 507AD
1


Similar Part No. - NCV8705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705 Datasheet
1Mb / 20P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
November, 2014 ??Rev. 4
NCV8705MT12TCG ONSEMI-NCV8705MT12TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCV8705MT18TCG ONSEMI-NCV8705MT18TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCV8705MT28TCG ONSEMI-NCV8705MT28TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCV8705MT30TCG ONSEMI-NCV8705MT30TCG Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
More results

Similar Description - NCV8705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com