Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103AMX285TCG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP103AMX285TCG
Description  CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103AMX285TCG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP103AMX285TCG Datasheet HTML 7Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 8Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 9Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 10Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 11Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 12Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 13Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 14Page - ON Semiconductor NCP103AMX285TCG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCP103
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 38. Load Transient Response − Rising
Edge, VOUT = 2.8 V, IOUT = 1 mA to 150 mA,
VIN = 3.8 V, 5.5 V
2
ms/div
VIN = 5.5 V
tRISE = 1 ms
IOUT
VOUT
VIN = 3.8 V
Figure 39. Load Transient Response − Falling
Edge, VOUT = 2.8 V, IOUT = 1 mA to 150 mA,
VIN = 3.8 V, 5.5 V
10
ms/div
tFALL = 1 ms
IOUT
VOUT
Figure 40. Turn−on/off − Slow Rising VIN
4 ms/div
Figure 41. Short−Circuit and Thermal
Shutdown
10 ms/div
VOUT
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VIN = 5.5 V
VIN = 3.8 V
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VOUT
VIN
VIN = 5.5 V
VOUT = 2.8 V
IOUT = 10 mA
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
Overheating
Full Load
IOUT
Thermal Shutdown
TSD Cycling
VIN = 5.5 V
VOUT = 1.2 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)


Similar Part No. - NCP103AMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103AMX285TCG ONSEMI-NCP103AMX285TCG Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103AMX285TCG ONSEMI-NCP103AMX285TCG Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
More results

Similar Description - NCP103AMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com