Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4296-2CSN33T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV4296-2CSN33T1G
Description  Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4296-2CSN33T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV4296-2CSN33T1G Datasheet HTML 2Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 3Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 4Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 5Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 6Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 7Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 8Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 9Page - ON Semiconductor NCV4296-2CSN33T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCV4296−2C
www.onsemi.com
6
TYPICAL CHARACTERISTICS − 5.0 V VERSION
Figure 8. Quiescent Current vs. Output Current
(High Load)
Figure 9. Quiescent Current vs. Output Current
(Low Load)
Iout, OUTPUT CURRENT (mA)
Iout, OUTPUT CURRENT (mA)
30
25
20
15
10
5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.8
5
4
3
2
1
0
0
100
200
300
Figure 10. Quiescent Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
35
30
25
20
15
10
5
0
0
1.0
2.0
3.0
3.5
4.0
5.0
Vin = 13.5 V
TJ = 25°C
RL = 166 W
TJ = 25°C
0.7
Vin = 13.5 V
TJ = 25°C
40
1.5
0.5
2.5
4.5


Similar Part No. - NCV4296-2CSN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4290 ONSEMI-NCV4290 Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
NCV4290DS50R4G ONSEMI-NCV4290DS50R4G Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
NCV4290DT50RKG ONSEMI-NCV4290DT50RKG Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
NCV4294C ONSEMI-NCV4294C Datasheet
155Kb / 11P
   Low Dropout Voltage Regulator
November, 2017 ??Rev. 2
NCV4294CSN33T1G ONSEMI-NCV4294CSN33T1G Datasheet
155Kb / 11P
   Low Dropout Voltage Regulator
November, 2017 ??Rev. 2
More results

Similar Description - NCV4296-2CSN33T1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com