Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP170AMX285TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP170AMX285TCG
Description  Ultra?륧ow IQ 150 mA CMOS LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP170AMX285TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP170AMX285TCG Datasheet HTML 1Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 2Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 3Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 4Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 5Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 6Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 7Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 8Page - ON Semiconductor NCP170AMX285TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2017
October, 2017 − Rev. 14
1
Publication Order Number:
NCP170/D
NCP170
Ultra‐Low IQ 150 mA
CMOS LDO Regulator
The NCP170 series of CMOS low dropout regulators are designed
specifically for portable battery-powered applications which require
ultra-low quiescent current. The ultra-low consumption of typ. 500 nA
ensures long battery life and dynamic transient boost feature improves
device transient response for wireless communication applications.
The device is available in small 1
× 1 mm XDFN4, SOT-563 and
TSOP-5 packages.
Features
Operating Input Voltage Range: 2.2 V to 5.5 V
Output Voltage Range: 1.2 V to 3.6 V (0.1 V Steps)
Ultra-Low Quiescent Current Typ. 0.5 mA
Low Dropout: 170 mV Typ. at 150 mA
High Output Voltage Accuracy ±1%
Stable with Ceramic Capacitors 1 mF
Over-Current Protection
Thermal Shutdown Protection
NCP170A for Active Discharge Option
Available in Small 1 × 1 mm XDFN4, SOT−563 and TSOP-5
Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Battery Powered Equipments
Portable Communication Equipments
Cameras, Image Sensors and Camcorders
Figure 1. Typical Application Schematic
NCP170
IN
EN
OUT
VIN
VOUT
1
mF1 mF
COUT
CIN
GND
www.onsemi.com
XDFN4
MX SUFFIX
CASE 711AJ
MARKING DIAGRAMS
See detailed ordering, marking and shipping information on
page 19 of this data sheet.
ORDERING INFORMATION
SOT−563
XV SUFFIX
CASE 463A
1
XX = Specific Device Code
M
= Date Code
*Pb-Free indicator, “G” or microdot “
G”,
may or may not be present.
XX M
1
1
6
XX = Specific Device Code
M
= Month Code
G
= Pb-Free Package
XX M
G
1
SOT−563
XDFN4
TSOP−5
SN SUFFIX
CASE 483
1
5
(Note: Microdot may be in either location)
XXX = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
XXXAYW
G
G
TSOP−5


Similar Part No. - NCP170AMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170AMX285TCG ONSEMI-NCP170AMX285TCG Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
More results

Similar Description - NCP170AMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com