Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV51200MNTXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV51200MNTXG
Description  Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51200MNTXG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV51200MNTXG Datasheet HTML 1Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 2Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 3Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 4Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 5Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 6Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 7Page - ON Semiconductor NCV51200MNTXG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP51200, NCV51200
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TA ≤ 125°C; VCC = 3.3 V; PVCC = 1.8 V; VRI = VTTS = 0.9 V; EN = VCC; COUT = 3 x 10 mF (Ceramic); unless otherwise noted.
Parameter
Units
Max
Typ
Min
Symbol
Conditions
PGOOD Lower Threshold
(with respect to VRO)
−23.5%
−20%
−17.5
%
V/V
PGOOD Upper Threshold
(with respect to VRO)
17.5%
20%
23.5%
PGOOD Hysteresis
5%
PGOOD Start−up Delay
Start−up rising edge, VTTS within 15% of
VRO
2
ms
PGOOD Leakage Current
VTTS = VRI (PGOOD = True)
PGOOD = VCC + 0.2 V
1
mA
PGOOD = False Delay
VTTS is beyond ±20% PGOOD trip thresholds
10
ms
PGOOD Output Low Voltage
IGOOD = 4 mA
0.4
V


Similar Part No. - NCV51200MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51200MNTXG ONSEMI-NCV51200MNTXG Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCV51200MNTXG ONSEMI-NCV51200MNTXG Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCV51200MNTXG ONSEMI-NCV51200MNTXG Datasheet
326Kb / 11P
   Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
More results

Similar Description - NCV51200MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
   Termination Regulator
November, 2015 ??Rev. 0
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com