Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP115CMX105TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP115CMX105TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP115CMX105TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP115CMX105TCG Datasheet HTML 1Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 2Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 3Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 4Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 5Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 6Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 7Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 8Page - ON Semiconductor NCP115CMX105TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP115
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Ground Current vs. Load Current
Figure 10. Quiescent Current vs. Input Voltage
VOUT = 1.8 V
IOUT, OUTPUT CURRENT (mA)
VIN, INPUT VOLTAGE (V)
1000
100
10
1
0.1
0.01
0.001
0
100
200
300
400
500
600
5
4
36
2
1
0
0
7
21
28
35
49
56
70
Figure 11. Dropout Voltage vs. Load Current −
VOUT = 1.8 V
Figure 12. Dropout Voltage vs. Load Current −
VOUT = 2.8 V
IOUT, OUTPUT CURRENT (mA)
IOUT, OUTPUT CURRENT (mA)
300
250
200
150
100
50
0
0
50
150
200
250
300
400
500
300
250
200
150
100
50
0
0
35
105
140
210
245
280
350
Figure 13. Dropout Voltage vs. Load Current −
VOUT = 3.3 V
Figure 14. Current Limit vs. Temperature
IOUT, OUTPUT CURRENT (mA)
TJ, JUNCTION TEMPERATURE (°C)
300
250
200
150
100
50
0
0
30
90
120
180
210
270
300
80
60
40
20
10
0
−20
−40
520
540
580
600
640
680
700
720
VIN = 4.3 V
VOUT = 90% VOUT(nom)
CIN = 1 mF
COUT = 1 mF
660
620
560
−10
−30
30
50
90
70
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
meas for VOUT_NOM − 100 mV
60
150
240
TJ = 85°C
TJ = −40°C
TJ = 25°C
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
meas for VOUT_NOM − 100 mV
TJ = 85°C
TJ = −40°C
TJ = 25°C
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
meas for VOUT_NOM − 100 mV
TJ = 85°C
TJ = −40°C
TJ = 25°C
100
350
450
70
175
315
VIN = 2.8 V
VOUT = 1.8 V
IOUT = 0 mA
CIN = 1 mF
COUT = 1 mF
TJ = 85°C
TJ = −40°C
TJ = 25°C
14
42
63
TJ = 85°C
TJ = −40°C
TJ = 25°C
VIN = VOUT_NOM + 1 V
CIN = 1 mF
COUT = 1 mF


Similar Part No. - NCP115CMX105TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT060T2G ONSEMI-NCP110AFCT060T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT080T2G ONSEMI-NCP110AFCT080T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT085T2G ONSEMI-NCP110AFCT085T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT105T2G ONSEMI-NCP110AFCT105T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
More results

Similar Description - NCP115CMX105TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com