Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP115AMX360TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP115AMX360TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP115AMX360TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP115AMX360TCG Datasheet HTML 3Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 4Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 5Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 6Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 7Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 8Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 9Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 10Page - ON Semiconductor NCP115AMX360TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCP115
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 21. Output Voltage Noise Spectral Density – VOUT = 1.2 V
FREQUENCY (Hz)
10M
1M
100K
10K
1K
100
10
0.001
0.01
0.1
1
10
Figure 22. Output Voltage Noise Spectral Density – VOUT = 2.8 V
FREQUENCY (Hz)
Figure 23. Output Voltage Noise Spectral Density – VOUT = 3.3 V
FREQUENCY (Hz)
RMS Output Noise (
mVRMS)
IOUT
1 mA
10 mA
300 mA
10 Hz − 100 kHz
65.6
63.1
62.3
100 Hz − 100 kHz
61.9
59.5
60.3
RMS Output Noise (
mVRMS)
IOUT
1 mA
10 mA
300 mA
10 Hz − 100 kHz
93.4
92.1
119.3
100 Hz − 100 kHz
87.9
86.6
115.6
RMS Output Noise (
mVRMS)
IOUT
1 mA
10 mA
300 mA
10 Hz − 100 kHz
104.0
102.9
131.4
100 Hz − 100 kHz
98.0
96.7
127.0
10M
1M
100K
10K
1K
100
10
0.001
0.01
0.1
1
10
10M
1M
100K
10K
1K
100
10
0.001
0.01
0.1
1
10
VIN = 2.5 V
VOUT = 1.2 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT = 1 mA
IOUT = 10 mA
IOUT = 300 mA
IOUT = 1 mA
IOUT = 10 mA
IOUT = 300 mA
IOUT = 1 mA
IOUT = 10 mA
IOUT = 300 mA


Similar Part No. - NCP115AMX360TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT060T2G ONSEMI-NCP110AFCT060T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT080T2G ONSEMI-NCP110AFCT080T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT085T2G ONSEMI-NCP110AFCT085T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT105T2G ONSEMI-NCP110AFCT105T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
More results

Similar Description - NCP115AMX360TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com