Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51190MNTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP51190MNTAG
Description  1.5A DDR Memory Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51190MNTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP51190MNTAG Datasheet HTML 1Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 2Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 3Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 4Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 5Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 6Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 7Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 8Page - ON Semiconductor NCP51190MNTAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2017
January, 2017 − Rev. 4
1
Publication Order Number:
NCP51190/D
NCP51190, NCV51190
1.5A DDR Memory
Termination Regulator
The NCP/NCV51190 is a simple, cost−effective, high−speed linear
regulator designed to generate the VTT termination voltage rail for
DDR−I, DDR−II and DDR−III memory. The regulator is capable of
actively sourcing or sinking up to
±1.5 A for DDR−I, or up to ±0.5 A
for DDR−II
/−III while regulating the output voltage to within
±30 mV.
The output termination voltage is tightly regulated to track VTT =
(VDDQ / 2) over the entire current range.
The NCP/NCV51190 incorporates a high−speed differential
amplifier to provide ultra−fast response to line and load transients.
Other features include extremely low initial offset voltage, excellent
load regulation, source/sink soft−start and on−chip thermal shut−down
protection.
The NCP/NCV51190 features the power−saving Suspend To Ram
(STR) function which will tri−state the regulator output and lower the
quiescent current drawn when the /SS pin is pulled low.
The NCP/NCV51190 is available in a DFN8 package.
Features
Generate DDR Memory Termination Voltage (VTT)
For DDR−I, DDR−II, DDR−III Source / Sink Currents
Supports DDR−I to ±1.5 A, DDR−II, DDR−III to ±0.5 A (peak)
Integrated Power MOSFETs with Thermal Protection
Stable with 10 mF Ceramic VTT Capacitor
High Accuracy Output Voltage at Full−Load
Minimal External Component Count
Shutdown for Standby or Suspend to RAM (STR) mode
Built−in Soft Start
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Appications
Desktop PC’s, Notebooks, and Workstations
Graphics Card DDR Memory Termination
Set Top Boxes, Digital TV’s, Printers
Embedded Systems
Active Bus Termination
MARKING
DIAGRAM
www.onsemi.com
DFN8
MN SUFFIX
CASE 506AA
PIN CONNECTION
1
XXM
G
G
1
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Device
(Note: Microdot may be in either location)
See detailed ordering, marking and shipping information in the
package dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP51190MNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190MNTAG ONSEMI-NCP51190MNTAG Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
More results

Similar Description - NCP51190MNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
   2A, 1.3V.6.0V DDR Memory Termination Regulator
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com