Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51145PDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP51145PDR2G
Description  DDR 1.8 Amp Source Termination Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51145PDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP51145PDR2G Datasheet HTML 1Page - ON Semiconductor NCP51145PDR2G Datasheet HTML 2Page - ON Semiconductor NCP51145PDR2G Datasheet HTML 3Page - ON Semiconductor NCP51145PDR2G Datasheet HTML 4Page - ON Semiconductor NCP51145PDR2G Datasheet HTML 5Page - ON Semiconductor NCP51145PDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2017 − Rev. 3
1
Publication Order Number:
NCP51145/D
NCP51145
DDR 1.8 Amp Source / Sink
VTT Termination Regulator
The NCP51145 is a linear regulator designed to supply a regulated
VTT termination voltage for DDR−II, DDR−III, LPDDR−III and
DDR−IV memory applications. The regulator is capable of actively
sourcing and sinking
±1.8 A peak currents while regulating an output
voltage to within
±20 mV. The output termination voltage is regulated
to track VDDQ / 2 by two external voltage divider resistors connected
to the PVCC, GND, and VREF pins.
The NCP51145 incorporates a high−speed differential amplifier to
provide ultra−fast response to line and load transients. Other features
include source/sink current limiting, soft−start and on−chip thermal
shutdown protection.
Features
For DDR VTT Applications, Source/Sink Currents:
Supports DDR−II to ±1.8 A, DDR−III to ±1.5 A
Supports LPDDR−III and DDR−IV to ±1.2 A
Stable Using Ceramic−Only (Very Low ESR) Capacitors
Integrated Power MOSFETs
High Accuracy VTT Output at Full−Load
Fast Transient Response
Built−in Soft−Start
Shutdown for Standby or Suspend Mode
Integrated Thermal and Current−Limit Protection
VTT Remote Sense Available in the DFN8 2x2mm Package
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
DDR−II / DR−III / DDR−IV SDRAM Termination Voltage
Motherboard, Notebook, and VGA Card Memory Termination
Set Top Box, Digital TV, Printers
Low Power DDR−3LP
MARKING
DIAGRAMS
www.onsemi.com
SOIC−8 EP
D SUFFIX
CASE 751BU
Device
Package
Shipping
ORDERING INFORMATION
SOIC−8
(Pb−Free)
2500 / Tape &
Reel
NCP51145PDR2G
NC
VTT
18
NC
VREF
VCC
GND
NC
PVCC
PIN CONNECTIONS
1
8
1
8
51145
AYWW
G
G
51145
= Specific Device Code
XX
= Specific Device Code
M
= Date Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−8 EP
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DFN8
MN SUFFIX
CASE 506AA
1
XXM
G
G
1
(Note: Microdot may be in either location)
DFN−8
(Pb−Free)
3000 / Tape &
Reel
NCP51145MNTAG
DFN8 2x2, 0.5P
VREF
GND
18
NC
NC
VTTS
VTT
PVCC
(Top Views)
VCC


Similar Part No. - NCP51145PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51145PDR2G ONSEMI-NCP51145PDR2G Datasheet
82Kb / 6P
   DDR 1.8 Amp Source / Sink Termination Regulator
June, 2015 ??Rev. 2
More results

Similar Description - NCP51145PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51145 ONSEMI-NCP51145 Datasheet
82Kb / 6P
   DDR 1.8 Amp Source / Sink Termination Regulator
June, 2015 ??Rev. 2
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com