Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2558SX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN2558SX
Description  Low Voltage CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2558SX Datasheet(HTML) 2 Page - ON Semiconductor

  FAN2558SX Datasheet HTML 1Page - ON Semiconductor FAN2558SX Datasheet HTML 2Page - ON Semiconductor FAN2558SX Datasheet HTML 3Page - ON Semiconductor FAN2558SX Datasheet HTML 4Page - ON Semiconductor FAN2558SX Datasheet HTML 5Page - ON Semiconductor FAN2558SX Datasheet HTML 6Page - ON Semiconductor FAN2558SX Datasheet HTML 7Page - ON Semiconductor FAN2558SX Datasheet HTML 8Page - ON Semiconductor FAN2558SX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.fairchildsemi.com
REV. 1.0.4 3/15/04
Features
• Fixed 1.0V, 1.2V, 1.3V, 1.5V, 1.8V, 2.5V, 3.3V, 3.5V, 3.6V,
3.8V and Adjustable Output
•Power Good Indicator with Open Drain Output
• 180mA Output Current
• 100µA Ground Current
•Cbypass for Low Noise Operation
•Fast Enable for CDMA Applications
• High Ripple Rejection
• Current Limit
• Thermal Shutdown
• Excellent Line and Load Regulation
• Requires Only 1µF Output Capacitor
• Stable with 0 to 300m
Ω ESR
• TTL-level Compatible Enable Input
• Active Output Discharge
Applications
• Processor Power-up sequencing
•PDAs, Cell Phones
• Portable Electronic Equipment
• PCMCIA Vcc and Vpp regulation/switching
General Description
The FAN2558/9 low voltage CMOS LDOs feature fixed or
adjustable output voltage, 180mA load current, delayed
power good output (open drain) and 1% output accuracy
with excellent line and load regulation. An external bypass
capacitor provides ultra-low noise operation.
The FAN2558/9 low voltage LDOs incorporate both thermal
shutdown and short circuit protection. Output is stable with a
1µF, low ESR capacitor. The FAN2558/9 family is available
in 5-Lead SOT-23, 6-Lead SOT-23 and 2x2mm MLP-6
packages.
FAN2558: Fixed Output LDO with Power Good output
FAN2558ADJ: Adjustable Output LDO with Power Good
output
FAN2559: Fixed Output LDO with Power Good output,
Low Noise
Available standard output voltages are 1.0, 1.2V, 1.3V, 1.5V,
1.8V, 2.5V, 3.3V, 3.5V, 3.6V, and 3.8V. Custom output volt-
age options are also available.
FAN2558/FAN2559
180mA Low Voltage CMOS LDO
Typical Application
C
OUT
FB
SHDN
CAP+
CAP-
GND
V
IN
R 1
R 2
ADJ
VOUT
EN
PG
FAN2558ADJ
FB
SHDN
CAP+
CAP-
GND
V
IN
R
PG
R
PG
R
PG
V
OUT
C
OUT
EN
PG
FAN2558
FB
SHDN
CAP+
CAP-
GND
VIN
CBYP
V
OUT
C
OUT
C BYP
EN
PG
FAN2559
47K
47K
47K


Similar Part No. - FAN2558SX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558SX FAIRCHILD-FAN2558SX Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
More results

Similar Description - FAN2558SX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com