Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP114AMX110TCG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP114AMX110TCG
Description  CMOS Low Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114AMX110TCG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP114AMX110TCG Datasheet HTML 7Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 8Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 9Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 10Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 11Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 12Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 13Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 14Page - ON Semiconductor NCP114AMX110TCG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP114
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 35. Line Transient Response − Rising
Edge, VOUT = 2.8 V, IOUT = 300 mA
4
ms/div
VIN
VOUT
VIN = 3.8 V to 4.8 V
VOUT = 2.8 V
COUT = 10 mF
CIN = 1 mF
IOUT = 300 mA
Figure 36. Line Transient Response − Falling
Edge, VOUT = 2.8 V, IOUT = 300 mA
4
ms/div
VIN
VOUT
Figure 37. Load Transient Response − Rising
Edge, VOUT = 1.2 V, IOUT = 1 mA to 300 mA,
COUT = 1 mF, 4.7 mF
4
ms/div
VIN = 2.5 V
VOUT = 1.2 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
tRISE = 1 ms
COUT = 4.7 mF
COUT = 1 mF
IOUT
VOUT
Figure 38. Load Transient Response − Falling
Edge, VOUT = 1.2 V, IOUT = 1 mA to 300 mA,
COUT = 1 mF, 4.7 mF
20
ms/div
COUT = 4.7 mF
COUT = 1 mF
tFALL = 1 ms
VOUT
Figure 39. Load Transient Response − Rising
Edge, VOUT = 2.8 V, IOUT = 1 mA to 300 mA,
COUT = 1 mF, 4.7 mF
4
ms/div
COUT = 1 mF
COUT = 4.7 mF
tRISE = 1 ms
VOUT
Figure 40. Load Transient Response − Falling
Edge, VOUT = 2.8 V, IOUT = 1 mA to 300 mA,
COUT = 1 mF, 4.7 mF
10
ms/div
tFALL = 1 ms
COUT = 4.7 mF
COUT = 1 mF
VOUT
VIN = 4.8 V to 3.8 V
VOUT = 2.8 V
COUT = 1 mF
CIN = 1 mF
IOUT = 300 mA
tRISE = 1 ms
tFALL = 1 ms
VIN = 2.5 V
VOUT = 1.2 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
IOUT
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)


Similar Part No. - NCP114AMX110TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114AMX110TCG ONSEMI-NCP114AMX110TCG Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114AMX110TCG ONSEMI-NCP114AMX110TCG Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
More results

Similar Description - NCP114AMX110TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP103 ONSEMI-NCP103_17 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com