Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP115AMX250TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP115AMX250TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP115AMX250TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP115AMX250TCG Datasheet HTML 1Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 2Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 3Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 4Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 5Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 6Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 7Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 8Page - ON Semiconductor NCP115AMX250TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2017
April, 2018 − Rev. 2
1
Publication Order Number:
NCP115/D
NCP115
300 mA CMOS Low Dropout
Regulator
The NCP115 is 300 mA LDO that provides the engineer with a very
stable, accurate voltage with low noise suitable for space constrained,
noise sensitive applications. In order to optimize performance for
battery operated portable applications, the NCP115 employs the
dynamic quiescent current adjustment for very low IQ consumption at
no−load.
Features
Operating Input Voltage Range: 1.7 V to 5.5 V
Available in Fixed Voltage Options: 0.8 V to 3.6 V
Contact Factory for Other Voltage Options
Very Low Quiescent Current of Typ. 50 mA
Soft Start Feature with Two VOUT Slew Rate Speed
Standby Current Consumption: Typ. 0.1 mA
Low Dropout: 250 mV Typical at 300 mA @ 2.8 V
±1% Accuracy at Room Temperature
High Power Supply Ripple Rejection: 70 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Available in XDFN4 and TSOP−5 Packages
Stable with a 1 mF Ceramic Output Capacitor
These are Pb−Free Devices
Typical Applicaitons
PDAs, Mobile phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
NCP115
IN
EN
OUT
GND
OFF
ON
VOUT
COUT
1
mF
Ceramic
CIN
VIN
MARKING
DIAGRAMS
See detailed ordering, marking and shipping information on
page 14 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
XX = Specific Device Code
M
= Date Code
34
1
2
GND
OUT
EN
IN
(Bottom View)
XDFN4
CASE 711AJ
XX M
1
www.onsemi.com
XX
= Device Code
M
= Date Code*
G
= Pb−Free Package
XX M
G
G
1
5
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
TSOP−5
CASE 483
OUT
IN
GND
N/C
EN
1
2
3
4
5
(Top View)
1
1
5


Similar Part No. - NCP115AMX250TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT060T2G ONSEMI-NCP110AFCT060T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT080T2G ONSEMI-NCP110AFCT080T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT085T2G ONSEMI-NCP110AFCT085T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCP110AFCT105T2G ONSEMI-NCP110AFCT105T2G Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
More results

Similar Description - NCP115AMX250TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com