Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP114 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP114
Description  CMOS Low Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP114_17 Datasheet HTML 6Page - ON Semiconductor NCP114_17 Datasheet HTML 7Page - ON Semiconductor NCP114_17 Datasheet HTML 8Page - ON Semiconductor NCP114_17 Datasheet HTML 9Page - ON Semiconductor NCP114_17 Datasheet HTML 10Page - ON Semiconductor NCP114_17 Datasheet HTML 11Page - ON Semiconductor NCP114_17 Datasheet HTML 12Page - ON Semiconductor NCP114_17 Datasheet HTML 13Page - ON Semiconductor NCP114_17 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP114
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 29. Enable Turn−on Response,
COUT = 1 mF, IOUT = 1 mA
Figure 30. Enable Turn−on Response,
COUT = 1 mF, IOUT = 300 mA
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA
IINRUSH
40
ms/div
VEN
VOUT
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 300 mA
VEN
IINRUSH
VOUT
40
ms/div
Figure 31. Enable Turn−on Response,
COUT = 4.7 mF, IOUT = 1 mA
IINRUSH
40
ms/div
VEN
VOUT
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 300 mA
Figure 32. Enable Turn−on Response,
COUT = 4.7 mF, IOUT = 300 mA
40
ms/div
IINRUSH
VEN
VOUT
Figure 33. Line Transient Response − Rising
Edge, VOUT = 2.8 V, IOUT = 1 mA
20
ms/div
tRISE = 1 ms
VIN
VOUT
Figure 34. Line Transient Response − Falling
Edge, VOUT = 2.8 V, IOUT = 1 mA
10
ms/div
tFALL = 1 ms
VOUT
VIN
VIN = 3.8 V to 4.8 V
VOUT = 2.8 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA
VIN = 4.8 V to 3.8 V
VOUT = 2.8 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA


Similar Part No. - NCP114_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
More results

Similar Description - NCP114_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP103 ONSEMI-NCP103_17 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com