Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP103
Description  CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP103 Datasheet HTML 4Page - ON Semiconductor NCP103 Datasheet HTML 5Page - ON Semiconductor NCP103 Datasheet HTML 6Page - ON Semiconductor NCP103 Datasheet HTML 7Page - ON Semiconductor NCP103 Datasheet HTML 8Page - ON Semiconductor NCP103 Datasheet HTML 9Page - ON Semiconductor NCP103 Datasheet HTML 10Page - ON Semiconductor NCP103 Datasheet HTML 11Page - ON Semiconductor NCP103 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP103
www.onsemi.com
8
TYPICAL CHARACTERISTICS
100
FREQUENCY (kHz)
Figure 23. Power Supply Rejection Ratio,
VOUT = 1.2 V, COUT = 1 mF
FREQUENCY (kHz)
Figure 24. Power Supply Rejection Ratio,
VOUT = 2.8 V, COUT = 4.7 mF
100
IOUT, OUTPUT CURRENT (mA)
0
Figure 25. Output Capacitor ESR vs. Output
Current
0.1
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
VIN = 3.8 V
VOUT = 2.8 V
CIN = none
MLCC, X7R,
1206 size
1
10000
1000
10
100
VIN = 3.8 V
VOUT = 2.8 V
CIN = none
MLCC, X7R,
1206 size
100
10
1
0.1
0.01
15
30
45
90
135
150
VIN = 5.5 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R,
1206 size
UNSTABLE OPERATION
STABLE OPERATION
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
0.1
1
10000
1000
10
100
60
75
120
105
90
80
70
60
50
40
30
20
10
0
90
80
70
60
50
40
30
20
10
0


Similar Part No. - NCP103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030 ONSEMI-NCP1030 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com