Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2558S25X Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAN2558S25X
Description  Low Voltage CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2558S25X Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAN2558S25X Datasheet HTML 5Page - ON Semiconductor FAN2558S25X Datasheet HTML 6Page - ON Semiconductor FAN2558S25X Datasheet HTML 7Page - ON Semiconductor FAN2558S25X Datasheet HTML 8Page - ON Semiconductor FAN2558S25X Datasheet HTML 9Page - ON Semiconductor FAN2558S25X Datasheet HTML 10Page - ON Semiconductor FAN2558S25X Datasheet HTML 11Page - ON Semiconductor FAN2558S25X Datasheet HTML 12Page - ON Semiconductor FAN2558S25X Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
8
REV. 1.0.4 3/15/04
General PCB Layout Considerations
For optimum device performance, careful circuit layout and
grounding techniques must be used. Establishing a small
local ground, to which the GND pin, and the output and
bypass capacitors are connected, is recommended. The input
capacitor should be grounded to the main ground plane. The
quiet local ground is then routed back to the main ground
plane using feed through via. In general, the high-frequency
compensation components (input, bypass, and output capaci-
tors) should be located as close to the device as possible.
Close proximity of the output capacitor is especially impor-
tant to achieve optimum performance, especially during high
load conditions. A large copper area in the local ground
serves as heat sink (as discussed above) when high power
dissipation significantly increases device temperature. Com-
ponent-side copper provides significantly better thermal per-
formance. Added feed through connecting the device side
ground plane to the back plane further reduces thermal resis-
tance.


Similar Part No. - FAN2558S25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558S25X FAIRCHILD-FAN2558S25X Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
More results

Similar Description - FAN2558S25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com