Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP103
Description  CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP103_17 Datasheet HTML 1Page - ON Semiconductor NCP103_17 Datasheet HTML 2Page - ON Semiconductor NCP103_17 Datasheet HTML 3Page - ON Semiconductor NCP103_17 Datasheet HTML 4Page - ON Semiconductor NCP103_17 Datasheet HTML 5Page - ON Semiconductor NCP103_17 Datasheet HTML 6Page - ON Semiconductor NCP103_17 Datasheet HTML 7Page - ON Semiconductor NCP103_17 Datasheet HTML 8Page - ON Semiconductor NCP103_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP103
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS −40
°C ≤ TJ ≤ 85°C; VIN = VOUT(NOM) + 1 V for VOUT options greater than 1.5 V. Otherwise VIN =
2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 1 mF, unless otherwise noted. VEN = 0.9 V. Typical values are at TJ = +25°C.
Min./Max. are for TJ = −40°C and TJ = +85°C respectively.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.7
5.5
V
Output Voltage Accuracy
−40
°C ≤ TJ ≤ 85°C
VOUT ≤ 2.0 V
VOUT
−40
+40
mV
VOUT > 2.0 V
−2
+2
%
Line Regulation
VOUT + 0.5 V
≤ VIN ≤ 5.5 V (VIN ≥ 1.7 V)
RegLINE
0.01
0.1
%/V
Load Regulation
IOUT = 1 mA to 150 mA
RegLOAD
10
30
mV
Load Transient
IOUT = 1 mA to 150 mA or 150 mA to 1 mA
in 1
ms, COUT = 1 mF
TranLOAD
−30/
+20
mV
Dropout Voltage (Note 4)
IOUT = 150 mA
VOUT = 1.5 V
VDO
180
235
mV
VOUT = 1.85 V
120
165
VOUT = 2.8 V
75
125
VOUT = 3.0 V
72
120
VOUT = 3.1 V
70
120
VOUT = 3.3 V
65
110
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
150
550
mA
Ground Current
IOUT = 0 mA
IQ
50
95
mA
Shutdown Current
VEN
≤ 0.4 V, VIN = 5.5 V
IDIS
0.01
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
0.3
1.0
mA
Power Supply Rejection Ratio
VIN = 3.6 V, VOUT = 3.1 V
IOUT = 150 mA
f = 1 kHz
PSRR
75
dB
Output Noise Voltage
VIN = 2.5 V, VOUT = 1.8 V, IOUT = 150 mA
f = 10 Hz to 100 kHz
VN
60
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25
°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
Active Output Discharge Resistance
VEN < 0.4 V, Version A only
RDIS
100
W
4. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 1 V.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP103_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP10301 ONSEMI-NCP10301 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
More results

Similar Description - NCP103_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com