Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KA278RXXC Datasheet(PDF) 15 Page - ON Semiconductor

Part No. KA278RXXC
Description  2 A Output Low Dropout Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

KA278RXXC Datasheet(HTML) 15 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA278RXXC-Series Rev. 1.1.0
14
Physical Dimensions
Figure 42. TO220, MOLDED, 4-LEAD, FULL-PACK, STARIGHT LEAD (ACTIVE)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/TO/TO220C04.pdf.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packing_dwg/PKG-TO220C04.pdf.
4.70
4.30
2.79
2.29
(4X)
3.50
3.30
3.40
3.00
10.20
9.80
7.00
0.70
0.50
(4X)
1.30 MAX (3X)
1.25 MIN B
1.50 MAX
1.05 MIN (3X)
15.80
15.40
0.89
10.60
10.00
5.00
NOTES:
A. EXCEPT WHERE NOTED CONFORMS TO
SC91A.
B
DOES NOT COMPLY EIAJ STD. VALUE.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
E. PIN 2 CONNECTS TO DAP.
F. DRAWING FILE NAME: TO220C04REV1
1
1.70
1.30
B
0.60
0.45
3.00
2.60
6.70
6.30
15.90
15.50
B
1.00X 45°
13.60
4
TO-220F 4L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn