Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA278RXXC Datasheet(PDF) 11 Page - ON Semiconductor

Part # KA278RXXC
Description  2 A Output Low Dropout Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA278RXXC Datasheet(HTML) 11 Page - ON Semiconductor

Back Button KA278RXXC Datasheet HTML 7Page - ON Semiconductor KA278RXXC Datasheet HTML 8Page - ON Semiconductor KA278RXXC Datasheet HTML 9Page - ON Semiconductor KA278RXXC Datasheet HTML 10Page - ON Semiconductor KA278RXXC Datasheet HTML 11Page - ON Semiconductor KA278RXXC Datasheet HTML 12Page - ON Semiconductor KA278RXXC Datasheet HTML 13Page - ON Semiconductor KA278RXXC Datasheet HTML 14Page - ON Semiconductor KA278RXXC Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA278RXXC-Series Rev. 1.1.0
10
Typical Performance Characteristics (KA278RA05C)
Figure 30. Output Voltage vs. Input Voltage
Figure 31.Quiescent Current vs. Input Voltage
Figure 32. Output Voltage vs. Temperature (Tj)
*Fixed Mode (VO = 5 V)
Figure 33. Quiescent Current vs. Temperature (Tj)
Figure 34. Dropout Voltage vs. Junction
Temperature
Figure 35. Power Dissipation vs. Temperature (Tj)
510
15
Input voltage Vin (V)
6
5
4
3
2
1
7
0
0
RL=
RL=2.5
Ω
0
5
10
15
20
0
20
40
60
80
100
120
RL=
Input voltage Vin(V)
5.04
5.02
5.00
5.06
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
4.96
4.94
4.92
4.98
10
8
6
4
2
0
Junction temperature Tj(oC )
75
125
025
50
100
-25
-25
0
25
50
75
100
125
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
2.0A
Junction Temp Tj [℃]
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
15
10
5
20
0


Similar Part No. - KA278RXXC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

Similar Description - KA278RXXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com