Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KA278RXXC Datasheet(PDF) 10 Page - ON Semiconductor

Part No. KA278RXXC
Description  2 A Output Low Dropout Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

KA278RXXC Datasheet(HTML) 10 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA278RXXC-Series Rev. 1.1.0
9
Typical Performance Characteristics (Continued)
Figure 27. Power Dissipation vs. Temperature (Tj)
Figure 28. Over-Current Protection Characteristics
(Typical Value)
Figure 29. Output Peak Current vs. Input-Output
Differential Voltage
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
15
10
5
20
0
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
100
0
40
6.0
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
100
0
40
6.0
3.0
5.0
01.0
2.0
4.0
80
60
20
100
0
40
6.0
0123456
3.50
3.75
4.00
4.25
4.50
4.75
Input-output differential voltage Vin-Vo (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn