Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2558S12X Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN2558S12X
Description  Low Voltage CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2558S12X Datasheet(HTML) 3 Page - ON Semiconductor

  FAN2558S12X Datasheet HTML 1Page - ON Semiconductor FAN2558S12X Datasheet HTML 2Page - ON Semiconductor FAN2558S12X Datasheet HTML 3Page - ON Semiconductor FAN2558S12X Datasheet HTML 4Page - ON Semiconductor FAN2558S12X Datasheet HTML 5Page - ON Semiconductor FAN2558S12X Datasheet HTML 6Page - ON Semiconductor FAN2558S12X Datasheet HTML 7Page - ON Semiconductor FAN2558S12X Datasheet HTML 8Page - ON Semiconductor FAN2558S12X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2
REV. 1.0.4 3/15/04
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
Pin Assignments
Pin Descriptions
Pin no.
Pin Name
FAN2558
FAN2558ADJ
FAN2559
5SOT-23
2x2mm MLP-6
6SOT-23
2x2mm MLP-6
6SOT-23
2x2mm MLP-6
1VIN
VOUT
VIN
VOUT
VIN
VOUT
2
GND.
NC
GND.
ADJ
GND.
BYP
3EN
PG
EN
PGENPG
4PG
EN
PG
ENPGEN
5VOUT
GND
ADJ
GND
BYP
GND
6VIN
VOUT
VIN
VOUT
VIN
Symbol
Pin Function Description
VIN
Power Supply Input
VOUT
Regulated Voltage Output
GND
Ground Connection
PG
Power Good Output, Open Drain
ADJ
Ratio of potential divider from Vout to ADJ determines output voltage
BYP
Reference Noise Bypass
EN
Chip Enable Input. The regulator is fully enabled when TTL “H” is applied to this input. The regulator
enters into shutdown mode when TTL “L” is applied to this input.
FAN2558
5-Lead SOT-23 PACKAGE
GND
V
IN
EN
PG
VOUT
1
2
34
5
FAN2558/FAN2558ADJ/FAN2559
2x2mm MLP-6 PACKAGE
V
OUT
PG
NC/ADJ/BYP
GND
V
IN
EN
FAN2558ADJ/FAN2559
6-Lead SOT-23 PACKAGE
GND
V
IN
EN
ADJ/BYP
PG
VOUT
1
2
34
5
6
TOP-VIEW
1
2
3
6
5
4


Similar Part No. - FAN2558S12X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558S12X FAIRCHILD-FAN2558S12X Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
More results

Similar Description - FAN2558S12X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com