Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2510SX Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN2510SX
Description  CMOS LDO Regulators with Fast Start Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2510SX Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN2510SX Datasheet HTML 6Page - ON Semiconductor FAN2510SX Datasheet HTML 7Page - ON Semiconductor FAN2510SX Datasheet HTML 8Page - ON Semiconductor FAN2510SX Datasheet HTML 9Page - ON Semiconductor FAN2510SX Datasheet HTML 10Page - ON Semiconductor FAN2510SX Datasheet HTML 11Page - ON Semiconductor FAN2510SX Datasheet HTML 12Page - ON Semiconductor FAN2510SX Datasheet HTML 13Page - ON Semiconductor FAN2510SX Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2510 Rev. 1.1.0
10
Thermal Characteristics
The FAN2510 can supply 100 mA at the specified output
voltage with an operating die (junction) temperature of
up to 125°C. Once the power dissipation and thermal
resistance is known, the maximum junction temperature
of the device can be calculated. While the power dissipa-
tion is calculated from known electrical parameters, the
thermal resistance is a result of the thermal characteris-
tics of the compact SOT23-5 surface-mount package
and the surrounding PC Board copper to which it is
mounted.
The power dissipation is equal to the product of the
input-tooutput voltage differential and the output current
plus the ground current multiplied by the input voltage,
or:
The ground pin current, IGND, can be found in the charts
provided in the Electrical Characteristics section.
The relationship describing the thermal behavior of the
package is:
where TJ(max) is the maximum allowable junction temper-
ature of the die, which is 125°C, and TA is the ambient
operating temperature. θJA is dependent on the sur-
rounding PC board layout and can be empirically
obtained. While the θJC (junction-to-case) of the SOT23-
5 package is specified at 130°C/W, the θJA of the mini-
mum PCB footprint is at least 235°C/W. This can be
improved by providing a heat sink of surrounding copper
ground on the PCB. Depending on the size of the copper
area, the resulting θJA can range from approximately
180°C/W for one square inch to nearly 130°C/W for four
square inches. The addition of backside copper with
through-holes, stiffeners, and other enhancements can
reduce this value. The heat contributed by the dissipa-
tion of other devices located nearby must be included in
design considerations.
Once the limiting parameters in these two relationships
have been determined, the design can be modified to
ensure that the device remains within specified operating
conditions. If overload conditions are not considered, it is
possible for the device to enter a thermal cycling loop, in
which the circuit enters a shutdown condition, cools, re-
enables, and then again overheats and shuts down
repeatedly due to an unmanaged fault condition.
PD
VIN VOUT
()IOUT VINIGND
+
=
PD max
()
TJ max
() TA
θJA
-------------------------------
⎩⎭
⎨⎬
⎧⎫
=
Operational of Adjustable Version
The adjustable version of the FAN2500 includes an input
pin ADJ which allows the user to select an output voltage
ranging from 1.8 V to near VIN, using an external resistor
divider. The voltage VADJ presented to the ADJ pin is fed
to the onboard error amplifier which adjusts the output
voltage until VADJ is equal to the onboard band-gap ref-
erence voltage of 1.32 V (typ). The equation is:
The total value of the resistor chain should not exceed
250 kΩ total to keep the error amplifier biased during no-
load conditions. Programming output voltages near VIN
need to allow for the magnitude and variation of the
dropout voltage VDO over load, supply, and temperature
variations. Note that the low-leakage FET input to the
CMOS Error Amplifier induces no bias current error to
the calculation.
General PCB Layout Considerations
To achieve the full performance of the device, careful cir-
cuit layout and grounding technique must be observed.
Establishing a small local ground, to which the GND pin
and the output and bypass capacitors are connected, is
recommended The input capacitor should be grounded
to the main ground plane. The quiet local ground is
routed back to the main ground plane using feed-through
vias. In general, the high-frequency compensation com-
ponents (input, bypass, and output capacitors) should be
located as close to the device as possible. The proximity
of the output capacitor is especially important to achieve
optimal noise compensation from the onboard error
amplifier, especially during high load conditions. A large
copper area in the local ground provides the heat sinking
discussed above when high power dissipation signifi-
cantly increases the temperature of the device. Compo-
nent-side copper provides significantly better thermal
performance for this surface-mount device, compared to
that obtained when using only copper planes on the
underside.


Similar Part No. - FAN2510SX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510SX FAIRCHILD-FAN2510SX Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2510SX FAIRCHILD-FAN2510SX Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results

Similar Description - FAN2510SX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
Bookly Micro electronic
BM9209 BOOKLY-BM9209 Datasheet
197Kb / 9P
   CMOS LDO WITH ENABLE
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com