Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2502S25X Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN2502S25X
Description  150 mA CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2502S25X Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN2502S25X Datasheet HTML 3Page - ON Semiconductor FAN2502S25X Datasheet HTML 4Page - ON Semiconductor FAN2502S25X Datasheet HTML 5Page - ON Semiconductor FAN2502S25X Datasheet HTML 6Page - ON Semiconductor FAN2502S25X Datasheet HTML 7Page - ON Semiconductor FAN2502S25X Datasheet HTML 8Page - ON Semiconductor FAN2502S25X Datasheet HTML 9Page - ON Semiconductor FAN2502S25X Datasheet HTML 10Page - ON Semiconductor FAN2502S25X Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2502 / FAN2503 Rev. 1.1.0
6
Typical Performance Characteristics (Countinued)
Figure 9. Power Supply Rejection Ratio
Figure 10. Power Supply Rejection Ratio
Figure 11. PSRR vs. Voltage Drop
Figure 12. PSRR vs. Voltage Drop
Figure 13. Noise Performance
Figure 14. Ground Pin Current


Similar Part No. - FAN2502S25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2502S25X FAIRCHILD-FAN2502S25X Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
More results

Similar Description - FAN2502S25X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com