Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF1500R17IP5 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FF1500R17IP5
Description  High power converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF1500R17IP5 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FF1500R17IP5 Datasheet HTML 1Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 2Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 3Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 4Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 5Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 6Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 7Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 8Page - Infineon Technologies AG FF1500R17IP5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
PleasereadtheImportantNoticeandWarningsattheendofthisdocument
V3.0
www.infineon.com
2017-09-19
FF1500R17IP5
PrimePACK™3+ModulmitTrench/FeldstoppIGBT5,EmitterControlled5DiodeundNTC
PrimePACK™3+modulewithTrench/FieldstopIGBT5,EmitterControlled5diodeandNTC
VCES = 1700V
IC nom = 1500A / ICRM = 3000A
PotentielleAnwendungen
PotentialApplications
Hochleistungsumrichter
Highpowerconverters
Motorantriebe
Motordrives
Traktionsumrichter
Tractiondrives
Windgeneratoren
Windturbines
ElektrischeEigenschaften
ElectricalFeatures
ErweiterteSperrschichttemperaturTvjop
ExtendedoperatingtemperatureTvjop
HoheStromdichte
Highcurrentdensity
NiedrigeSchaltverluste
Lowswitchinglosses
NiedrigesVCEsat
LowVCEsat
Tvjop=175°C
Tvjop=175°C
MechanischeEigenschaften
MechanicalFeatures
GehäusemitCTI>400
PackagewithCTI>400
GroßeLuft-undKriechstrecken
Highcreepageandclearancedistances
HoheLast-undthermischeWechselfestigkeit
Highpowerandthermalcyclingcapability
HoheLeistungsdichte
Highpowerdensity
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - FF1500R17IP5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF1500R17IP5P INFINEON-FF1500R17IP5P Datasheet
666Kb / 10P
   PrimePACK?? B-Serien Modul mit Trench/Feldstopp IGBT5, Emitter Controlled 5 Diode und NTC / bereits aufgetragenem Thermal Interface Material
V3.2 2020-08-21
FF1500R17IP5R INFINEON-FF1500R17IP5R Datasheet
587Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT5, Emitter Controlled 5 Diode und NTC
V3.1 2020-06-25
More results

Similar Description - FF1500R17IP5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF1800R12IE5 INFINEON-FF1800R12IE5 Datasheet
815Kb / 10P
   High power converters
V3.0 2017-06-28
FF75R12RT4 INFINEON-FF75R12RT4 Datasheet
593Kb / 9P
   High Power Converters
2013-11-05 revision:2.1
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S Datasheet
283Kb / 19P
   High power DC-DC SMPS converters
IRFHM8363PBF IRF-IRFHM8363PBF Datasheet
304Kb / 9P
   Power Stage for high frequency buck converters
logo
Analog Devices
SHA1114 AD-SHA1114_15 Datasheet
5Mb / 18P
   HIGH RELIABILIIY CONVERTERS
REV. A
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRFR3708PBF IRF-IRFR3708PBF_15 Datasheet
226Kb / 10P
   High Frequency Buck Converters for Computer Processor Power
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
logo
Analog Devices
ADC1111 AD-ADC1111_15 Datasheet
5Mb / 18P
   HIGH RELIABILIIY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com