Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF225R12ME4P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FF225R12ME4P
Description  Motor drives
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF225R12ME4P Datasheet(HTML) 2 Page - Infineon Technologies AG

  FF225R12ME4P Datasheet HTML 1Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 2Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 3Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 4Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 5Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 6Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 7Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 8Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet
2
V3.0
2017-04-04
FF225R12ME4P
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TH = 70°C, Tvj max = 175°C
IC nom

225
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

450
 A
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 225 A, VGE = 15 V
IC = 225 A, VGE = 15 V
IC = 225 A, VGE = 15 V
VCE sat
1,85
2,10
2,15
2,15
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 7,80 mA, VCE = VGE, Tvj = 25°C
VGEth
5,20
5,80
6,40
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG
1,55
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
3,3
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
13,0
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
0,705
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES
3,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 225 A, VCE = 600 V
VGE = ±15 V
RGon = 1,6
td on
0,16
0,17
0,18
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 225 A, VCE = 600 V
VGE = ±15 V
RGon = 1,6
tr
0,04
0,04
0,04
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 225 A, VCE = 600 V
VGE = ±15 V
RGoff = 1,6
td off
0,38
0,47
0,50
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 225 A, VCE = 600 V
VGE = ±15 V
RGoff = 1,6
tf
0,07
0,09
0,10
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 225 A, VCE = 600 V, LS = 80 nH
VGE = ±15 V, di/dt = 5750 A/µs (Tvj = 150°C)
RGon = 1,6
Eon
6,80
12,5
15,0
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 225 A, VCE = 600 V, LS = 80 nH
VGE = ±15 V, du/dt = 3400 V/µs (Tvj = 150°C)
RGoff = 1,6
Eoff
17,0
26,5
29,5
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 800 V
VCEmax = VCES -LsCE ·di/dt
ISC
900
A
Tvj = 150°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proIGBT/perIGBT
validwithIFXpre-appliedthermalinterfacematerial
RthJH
0,175 K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C


Similar Part No. - FF225R12ME4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF225R12ME4P_B11 INFINEON-FF225R12ME4P_B11 Datasheet
580Kb / 9P
   EconoDUAL?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und PressFIT / NTC /
V3.0 2017-02-09
More results

Similar Description - FF225R12ME4P

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
logo
International Rectifier
IRG8CH97K10F IRF-IRG8CH97K10F Datasheet
209Kb / 4P
   Industrial Motor Drives
IRG8CH37K10F IRF-IRG8CH37K10F Datasheet
201Kb / 4P
   Industrial Motor Drives
logo
Vincotech
V23990-K420-A50-P3-14 VINCOTECH-V23990-K420-A50-P3-14 Datasheet
455Kb / 23P
   Industrial Motor Drives
V23990-K428-A50-P3-14 VINCOTECH-V23990-K428-A50-P3-14 Datasheet
454Kb / 23P
   Industrial Motor Drives
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
logo
List of Unclassifed Man...
PK55FG ETC2-PK55FG Datasheet
91Kb / 2P
   AC/DC motor drives
logo
Vincotech
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
TRINAMIC Motion Control...
TMCM-113-60-SE TRINAMIC-TMCM-113-60-SE Datasheet
1Mb / 25P
   MECHATRONIC DRIVES WITH STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com