Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF225R12ME4P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FF225R12ME4P
Description  Motor drives
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF225R12ME4P Datasheet(HTML) 6 Page - Infineon Technologies AG

  FF225R12ME4P Datasheet HTML 1Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 2Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 3Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 4Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 5Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 6Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 7Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 8Page - Infineon Technologies AG FF225R12ME4P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet
6
V3.0
2017-04-04
FF225R12ME4P
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=225A,VCE=600V
RG [
Ω]
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
Eon, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 125°C
Eoff, Tvj = 150°C
TransienterWärmewiderstandIGBT,Wechselrichter
transientthermalimpedanceIGBT,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
ZthJH : IGBT
i:
ri[K/W]:
τi[s]:
1
0,0116
0,000543
2
0,0653
0,0237
3
0,0768
0,122
4
0,0213
1,22
SichererRückwärts-ArbeitsbereichIGBT,Wechselrichter
(RBSOA)
reversebiassafeoperatingareaIGBT,Inverter(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=1.6
Ω,Tvj=150°C
VCE [V]
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
300
350
400
450
500
IC, Modul
IC, Chip
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
0
75
150
225
300
375
450
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C


Similar Part No. - FF225R12ME4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF225R12ME4P_B11 INFINEON-FF225R12ME4P_B11 Datasheet
580Kb / 9P
   EconoDUAL?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und PressFIT / NTC /
V3.0 2017-02-09
More results

Similar Description - FF225R12ME4P

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
logo
International Rectifier
IRG8CH97K10F IRF-IRG8CH97K10F Datasheet
209Kb / 4P
   Industrial Motor Drives
IRG8CH37K10F IRF-IRG8CH37K10F Datasheet
201Kb / 4P
   Industrial Motor Drives
logo
Vincotech
V23990-K420-A50-P3-14 VINCOTECH-V23990-K420-A50-P3-14 Datasheet
455Kb / 23P
   Industrial Motor Drives
V23990-K428-A50-P3-14 VINCOTECH-V23990-K428-A50-P3-14 Datasheet
454Kb / 23P
   Industrial Motor Drives
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
logo
List of Unclassifed Man...
PK55FG ETC2-PK55FG Datasheet
91Kb / 2P
   AC/DC motor drives
logo
Vincotech
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
TRINAMIC Motion Control...
TMCM-113-60-SE TRINAMIC-TMCM-113-60-SE Datasheet
1Mb / 25P
   MECHATRONIC DRIVES WITH STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com