Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L300R12MT4P-B23 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # F3L300R12MT4P-B23
Description  3-Level-Applikationen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L300R12MT4P-B23 Datasheet(HTML) 1 Page - Infineon Technologies AG

  F3L300R12MT4P-B23 Datasheet HTML 1Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 2Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 3Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 4Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 5Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 6Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 7Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 8Page - Infineon Technologies AG F3L300R12MT4P-B23 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
PleasereadtheImportantNoticeandWarningsattheendofthisdocument
V3.0
www.infineon.com
2017-08-23
F3L300R12MT4P_B23
EconoDUAL™3ModulmitTrench/FeldstoppIGBT4undEmitterControlledHEDiodeundNTC/bereits
aufgetragenemThermalInterfaceMaterial
EconoDUAL™3modulewithTrench/FieldstopIGBT4andEmitterControlledHEdiodeandNTC/
pre-appliedThermalInterfaceMaterial
J
VCES = 1200V
IC nom = 300A / ICRM = 600A
PotentielleAnwendungen
PotentialApplications
3-Level-Applikationen
3-level-applications
ElektrischeEigenschaften
ElectricalFeatures
ErweiterteSperrschichttemperaturTvjop
ExtendedoperatingtemperatureTvjop
NiedrigeSchaltverluste
Lowswitchinglosses
NiedrigesVCEsat
LowVCEsat
SehrgroßeRobustheit
Unbeatablerobustness
Tvjop=150°C
Tvjop=150°C
VCEsatmitpositivemTemperaturkoeffizienten
VCEsatwithpositivetemperaturecoefficient
MechanischeEigenschaften
MechanicalFeatures
IsolierteBodenplatte
Isolatedbaseplate
Standardgehäuse
Standardhousing
Thermisches Interface Material bereits
aufgetragen
Pre-appliedThermalInterfaceMaterial
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - F3L300R12MT4P-B23

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L300R12MT4P-B22 INFINEON-F3L300R12MT4P-B22 Datasheet
635Kb / 10P
   3-Level-Applikationen
V3.0 2017-08-23
More results

Similar Description - F3L300R12MT4P-B23

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L300R12MT4P-B22 INFINEON-F3L300R12MT4P-B22 Datasheet
635Kb / 10P
   3-Level-Applikationen
V3.0 2017-08-23
F3L11MR12W2M1B74 INFINEON-F3L11MR12W2M1B74 Datasheet
859Kb / 15P
   3-Level-Applikationen
V2.0 2020-09-04
DD1200S17H4-B2 INFINEON-DD1200S17H4-B2 Datasheet
597Kb / 7P
   3-Level-Applikationen
2016-01-21 revision:V3.1
F3L15R12W2H3_B27 INFINEON-F3L15R12W2H3_B27 Datasheet
1Mb / 14P
   Solar Anwendungen 3-Level-Applikationen
2013-11-25 revision:2.0
F3L25R12W1T4_B27 INFINEON-F3L25R12W1T4_B27 Datasheet
1,002Kb / 14P
   Solar Anwendungen 3-Level-Applikationen
2013-11-25 revision:2.0
F3L75R12W1H3_B11 INFINEON-F3L75R12W1H3_B11 Datasheet
1Mb / 14P
   Solar Anwendungen 3-Level-Applikationen
2015-08-26 revision:V2.0
F3L75R12W1H3_B27 INFINEON-F3L75R12W1H3_B27 Datasheet
1Mb / 14P
   Solar Anwendungen 3-Level-Applikationen
2016-04-04 revision:V3.2
logo
ASM GmbH
3151 ASM-SENSOR-3151 Datasheet
254Kb / 2P
   Erdungswiderstandsmessung f체r vielf채ltige Applikationen und Einsatzorte
logo
Actel Corporation
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
   UTOPIA Level 3 PHY
logo
Semikron International
SK30MLI066P SEMIKRON-SK30MLI066P Datasheet
219Kb / 5P
   3-Level NPC Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com