Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ435N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. DZ435N
Description  Pressure contact technology for high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 1 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ435N
Date of Publication 2017-01-24
Revision 3.2
1/11
Seite/page
Kenndaten
Elektrische Eigenschaften
Thermische
Key Parameters
VDRM / VRRM
3600 - 4000 V
IFAVM
435 A (TC=100°C)
3570A (TC=55°C)
IFSM
14500 A
vT0
0,84 V
rT
0,6
mΩ
RthJC
0,078 K/W
Baseplate
70 mm
Weight
900 g
For type designation please refer to actual
shortform catalog
http://www.ifbip.com/catalog
Merkmale
Features
Druckkontakt- Technologie für hohe
Verlässlichkeit
Pressure contact technology for high reliability
Industrie-Standard-Gehäuse
Industial standard package
Elektrisch isolierte Grundplatte
Electrically insulated baseplate
Advanced medium power technology
Advanced medium power technology
Typische Anwendungen
Typical Applications
Gleichrichter für Antriebsapplikationen
Rectifier for Drives Applications
Gleichricher für UPS
Rectifiers for UPS
Batterieladegleichrichter
Battery chargers
content of customer DMX code DMX code
DMX code
digit
digit quantity
serial number
1..7
7
SP material number
8..16
9
datecode (production day)
17..18
2
datecode (production year)
19..20
2
datecode (production month)
21..22
2
vT class
23..26
4
QR class
27..30
4
www.ifbip.com
support@infineon-bip.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl