Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ435N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. DZ435N
Description  Pressure contact technology for high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 7 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ435N
Date of Publication 2017-01-24
Revision 3.2
7/11
Seite/page
Diagramme
Diagramme
Durchgangsverluste
Gehäusetemperatur
0
400
800
1200
1600
0
200
400
600
800
1000
1200
IFAV [A]
120 ° rec
180 ° sin
180 ° rec
DC
Θ = 60 ° rec
Durchlassverlustleistung je Zweig / On-state power loss per arm PFAV = f(IFAV)
Parameter: Stromflußwinkel / Current conduction angle
Θ
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
IFAVM [A]
DC
Θ = 60 ° rec
120 ° rec
180 ° rec
180 ° sin
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(IFAVM)
Strombelastung je Zweig / Current load per arm
Berechungsgrundlage PTAV (Schaltverluste gesondert berücksichtigen)
Calculation base PTAV (switching losses should be considered separately)
Parameter: Stromflußwinkel
Θ / Current conduction angle Θ




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl