Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS30L45CFP Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # STPS30L45CFP
Description  12W 5V SMPS evaluation board with ICE3AR4780VJZ
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

STPS30L45CFP Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button STPS30L45CFP Datasheet HTML 15Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 16Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 17Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 18Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 19Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 20Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 21Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 22Page - Infineon Technologies AG STPS30L45CFP Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Waveforms and scope plots
Application Note
19
Revision 1.2, 2015-05-12
11.3
Frequency jittering
Channel 2; C2 : Drain voltage (VDrain)
Channel F2 : Frequency track of C2
Frequency jittering from 92 kHz ~ 100 kHz, Jitter
period is set at 4ms internally
Figure 20 Frequency jittering@ 85Vac and
max. load
11.4
Drain voltage and current at maximum load
Channel 1; C1 : Drain voltage (VDrain)
Channel 2; C2 : Current sense voltage (VCS)
Channel 1; C1 : Drain voltage (VDrain)
Channel 2; C2 : Current sense voltage (VCS)
VDrain_peak= 284V
VDrain_peak= 573V
Figure 21 Operation @ 85Vac and max. load
Figure 22 Operation @ 265Vac and max. load


Similar Part No. - STPS30L45CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L45CFP STMICROELECTRONICS-STPS30L45CFP Datasheet
126Kb / 8P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS30L45CFP STMICROELECTRONICS-STPS30L45CFP Datasheet
146Kb / 12P
   Low drop power Schottky rectifier
More results

Similar Description - STPS30L45CFP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
EVAL3DS01G28W INFINEON-EVAL3DS01G28W Datasheet
3Mb / 15P
   28W-LCD ??Monitor SMPS Evaluation Board with ICE3DS01G
Version 1.2, Aug 2010
logo
STMicroelectronics
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
   250 W ATX SMPS evaluation board
January 2014 Rev 1
logo
Monolithic Power System...
EV5416-R-00B MPS-EV5416-R-00B Datasheet
511Kb / 7P
   5V Power Management IC Evaluation Board
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1_15 Datasheet
797Kb / 14P
   20 W 5 V SMPS Evaluation Board with Quasi- Resonant CoolSET??ICE2QR2280G-1
Revision 1.1, 2015-04-02
logo
STMicroelectronics
STM3241G-EVAL STMICROELECTRONICS-STM3241G-EVAL Datasheet
211Kb / 4P
   Evaluation board with STM32F417IGH6 MCU
December 2016 Rev 2
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
   Evaluation board with STM32F446ZE MCU
October 2015 Rev 3
logo
AverLogic Technologies ...
AL460A-EVB-A0 AVERLOGIC-AL460A-EVB-A0 Datasheet
281Kb / 10P
   Evaluation Board with HSMC Adaptor
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
[Old version datasheet]   Evaluation board with robotic capabilities
logo
STMicroelectronics
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
   Evaluation board with STM32F091VC MCU
June 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com