Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F512-90SIP Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN29F512-90SIP
Description  512 Kbit (64K x 8-bit) 5V Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F512-90SIP Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN29F512-90SIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F512-90SIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
2
EN29F512
Rev. A, Issue Date: 2003/10/20
TABLE 1. PIN DESCRIPTION
FIGURE 1. LOGIC DIAGRAM
Pin Name
Function
A0-A16
Addresses
DQ0-DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
Vcc
Supply Voltage
(5V
± 10% )
Vss
Ground
TABLE 2. SECTOR ARCHITECTURE
Sector
ADDRESSES
SIZE (Kbytes)
A15
A14
3
0C000h – 0FFFFh
16
1
1
2
08000h – 0BFFFh
16
1
0
1
04000h - 07FFFh
16
0
1
0
00000h - 03FFFh
16
0
0
EN29F512
8
DQ0 - DQ7
A0 - A15
16
Vcc
WE
CE
OE
Vss


Similar Part No. - EN29F512-90SIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F512-90SIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com