Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MACH11SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MACH11SP
Description  High-Performance EE CMOS In-System Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

MACH11SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MACH11SP Datasheet HTML 1Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 2Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 3Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 4Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 5Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 6Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 7Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 8Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FINAL
Publication# 20405
Rev: C
Amendment/0
Issue Date: August 1997
1
MACH 1 & 2 FAMILIES
1
COM’L: -7/10/12/15
IND: -10/12/14/18
MACH211SP-7/10/12/15
High-Performance EE CMOS
In-System Programmable Logic
DISTINCTIVE CHARACTERISTICS
x
JTAG-Compatible, 5-V in-system programming
x
44 Pins in PLCC and TQFP
x
64 Macrocells
x
7.5 ns tPD Commercial, 10 ns tPD Industrial
x
133 MHz fCNT
x
32 I/Os; 2 dedicated inputs/clocks
x
64 Flip-flops; 2 clock choices
x
4 “PALCE26V16” blocks with buried macrocells
x
Speed Locking™ for guaranteed fixed timing
x
Bus-Friendly™ Inputs and I/Os
x
Peripheral Component Interconnect (PCI) compliant (-7/-10/-12)
x
Programmable power-down mode
IN-SYSTEM PROGRAMMING
In-system programming allows the MACH211SP to be programmed while soldered onto a system
board. Programming the MACH211SP in-system yields numerous benefits at all stages of
development: prototyping, manufacturing, and in the field. Since insertion into a programmer isn’t
needed, multiple handling steps and the resulting bent leads are eliminated. The design can be
modified in-system for design changes and debugging while prototyping, programming boards in
production, and field upgrades.
The MACH211SP offers advantages with in-system programming. MACH® devices have
extensive routing resources for pin-out retention; design changes resulting in pin-out changes
for many non-Vantis CPLDs cancel the advantages of in-system programming. The MACH211SP
can be deployed in any JTAG (IEEE 1149.1) compliant chain.
GENERAL DESCRIPTION
The MACH211SP is a member of Vantis’ high-performance EE CMOS MACH 1 & 2 families. This
device has approximately six times the logic macrocell capability of the popular PALCE22V10
without loss of speed.
The MACH211SP consists of four PAL® blocks interconnected by a programmable switch matrix.
The four PAL blocks are essentially “PALCE26V16” structures complete with product-term arrays
and programmable macrocells, which can be programmed as high speed or low power, and buried
macrocells. The switch matrix connects the PAL blocks to each other and to all input pins,


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn