Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C103JAGACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C103JAGACAUTO
Description  SMD Auto C0G, Ceramic, 0.01 uF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C103JAGACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C103JAGACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/21/2017 - 4ddf536b-226a-420d-b605-d97724e7b9c7
KEMET Part Number: C1210C103JAGACAUTO
SMD Auto C0G, Ceramic, 0.01 uF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
Dimensions
L
3.2mm +/-0.2mm
W
2.5mm +/-0.2mm
T
0.78mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Auto C0G
Style: SMD Chip
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Automotive Grade
Features: Ultra-Stable, Low Loss,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Chip Size: 1210
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 5%
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 625 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1% 1kHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C103JAGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C103JAGACTU KEMET-C1210C103JAGACTU Datasheet
59Kb / 1P
   SMD Comm C0G, Ceramic, 0.01 uF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1210
More results

Similar Description - C1210C103JAGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C473JAGACAUTO KEMET-C1210C473JAGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 0.047 uF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1206C103JAGACAUTO KEMET-C1206C103JAGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 0.01 uF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1210C103J5GACAUTO KEMET-C1210C103J5GACAUTO Datasheet
59Kb / 1P
   SMD Auto C0G, Ceramic, 0.01 uF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C333JAGACAUTO KEMET-C1210C333JAGACAUTO Datasheet
61Kb / 1P
   SMD Auto C0G, Ceramic, 0.033 uF, 5%, 250 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C103JBGACAUTO KEMET-C1210C103JBGACAUTO Datasheet
61Kb / 1P
   SMD Auto C0G HV, Ceramic, 0.01 uF, 5%, 630 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C103JDGACAUTO KEMET-C1210C103JDGACAUTO Datasheet
61Kb / 1P
   SMD Auto C0G HV, Ceramic, 0.01 uF, 5%, 1000 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C473J1GACAUTO KEMET-C1210C473J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 0.047 uF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C103J2GACAUTO KEMET-C1210C103J2GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 5%, 200 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1210C223J1GACAUTO KEMET-C1210C223J1GACAUTO Datasheet
71Kb / 1P
   SMD Auto C0G, Ceramic, 0.022 uF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C333J1GACAUTO KEMET-C1210C333J1GACAUTO Datasheet
71Kb / 1P
   SMD Auto C0G, Ceramic, 0.033 uF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com